Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43841 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL43841
Description  Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43841 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL43841 Datasheet HTML 6Page - Intersil Corporation ISL43841 Datasheet HTML 7Page - Intersil Corporation ISL43841 Datasheet HTML 8Page - Intersil Corporation ISL43841 Datasheet HTML 9Page - Intersil Corporation ISL43841 Datasheet HTML 10Page - Intersil Corporation ISL43841 Datasheet HTML 11Page - Intersil Corporation ISL43841 Datasheet HTML 12Page - Intersil Corporation ISL43841 Datasheet HTML 13Page - Intersil Corporation ISL43841 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
This method is not applicable for the signal path inputs.
Adding a series resistor to the switch input defeats the
purpose of using a low RON switch, so two small signal
diodes can be added in series with the supply pins to provide
overvoltage protection for all pins (see Figure 9). These
additional diodes limit the analog signal from 1V below V+ to
1V above V-. The low leakage current performance is
unaffected by this approach, but the switch resistance may
increase, especially at low supply voltages.
Power-Supply Considerations
The ISL43841 construction is typical of most CMOS analog
switches, in that they have three supply pins: V+, V-, and
GND. V+ and V- drive the internal CMOS switches and set
their analog voltage limits, so there are no connections
between the analog signal path and GND. Unlike switches
with a 13V maximum supply voltage, the ISL43841 15V
maximum supply voltage provides plenty of room for the
10% tolerance of 12V supplies (±6V or 12V single supply),
as well as room for overshoot and noise spikes.
This switch device performs equally well when operated with
bipolar or single voltage supplies.The minimum
recommended supply voltage is 2V or ±2V. It is important to
note that the input signal range, switching times, and on-
resistance degrade at lower supply voltages. Refer to the
electrical specification tables and Typical Performance
Curves for details.
V+ and GND power the internal logic (thus setting the digital
switching point) and level shifters. The level shifters convert
the logic levels to switched V+ and V- signals to drive the
analog switch gate terminals.
Logic-Level Thresholds
V+ and GND power the internal logic stages, so V- has no
affect on logic thresholds. This switch family is TTL
compatible (0.8V and 2.4V) over a V+ supply range of 2.7V
to 10V. At 12V the VIH level is about 3.3V. This is still below
the CMOS guaranteed high output minimum level of 4V, but
noise margin is reduced. For best results with a 12V supply,
use a logic family that provides a VOH greater than 4V.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving
the digital input signals from GND to V+ with a fast transition
time minimizes power dissipation.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat even past
100MHz (see Figures 16 and 17). Figures 16 and 17 also
illustrates that the frequency response is very consistent
over varying analog signal levels.
An OFF switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal feed
through from a switch’s input to its output. Off Isolation is the
resistance to this feed through, while Crosstalk indicates the
amount of feed through from one switch to another.
Figure 18 details the high Off Isolation and Crosstalk
rejection provided by this family. At 10MHz, Off Isolation is
about 55dB in 50
Ω systems, decreasing approximately 20dB
per decade as frequency increases. Higher load
impedances decrease Off Isolation and Crosstalk rejection
due to the voltage divider action of the switch OFF
impedance and the load impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and V-. One
of these diodes conducts if any analog signal exceeds V+
or V-.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or V-. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or V- and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and V- pins constitutes the analog-signal-
path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and GND.
FIGURE 9. INPUT OVERVOLTAGE PROTECTION
V-
VCOM
VNO
OPTIONAL PROTECTION
V+
LOGIC
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR
FOR LOGIC
INPUTS
1k
ISL43841


Similar Part No. - ISL43841

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841 Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Renesas Technology Corp
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841IR INTERSIL-ISL43841IR Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Renesas Technology Corp
ISL43841IR RENESAS-ISL43841IR Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841IRZ INTERSIL-ISL43841IRZ Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
More results

Similar Description - ISL43841

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841_04 Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
ISL43840 INTERSIL-ISL43840 Datasheet
505Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Renesas Technology Corp
ISL43840 RENESAS-ISL43840 Datasheet
757Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Intersil Corporation
ISL43840IR INTERSIL-ISL43840IR Datasheet
474Kb / 14P
   Low-Voltage, Single and Dual Supply,Dual 4 to 1 Multiplexer Analog Switch with Enable
March 13, 2006
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com