Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43681 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL43681
Description  Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43681 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL43681 Datasheet HTML 1Page - Intersil Corporation ISL43681 Datasheet HTML 2Page - Intersil Corporation ISL43681 Datasheet HTML 3Page - Intersil Corporation ISL43681 Datasheet HTML 4Page - Intersil Corporation ISL43681 Datasheet HTML 5Page - Intersil Corporation ISL43681 Datasheet HTML 6Page - Intersil Corporation ISL43681 Datasheet HTML 7Page - Intersil Corporation ISL43681 Datasheet HTML 8Page - Intersil Corporation ISL43681 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V- to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15 to 0.3V
Input Voltages
LE, EN, EN , NO, NC, ADD (Note 1) . . . . . . -0.3 to ((V+) + 0.3V)
Output Voltages
COM (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . .
±30mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±100mA
ESD Rating
HBM ( Per Mil-STD-883, Method 3015.7) . . . . . . . . . . . . . >2.5kV
Operating Conditions
Temperature Range
ISL43681IR and ISl43741IR . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W)
20 Ld 4x4 QFN Package . . . . . . . . . . . . . . . . . . . . .
45
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range. . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Signals on NC, NO, COM, ADD, EN, EN, or LE exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum
current ratings.
2.
θJA is measured with the component mounted on a high effective thermal conductivity test board with direct die attach. See Tech Brief TB379
for details.
Electrical Specifications
±5V Supply
Test Conditions: VSUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
V-
-
V+
V
ON Resistance, RON
VS = ±4.5V, ICOM = 2mA, VNO or VNC = 3V
(See Figure 6)
25
-
44
50
Full
-
-
80
RON Matching Between Channels,
∆RON
VS = ±4.5V, ICOM = 2mA, VNO or VNC = 3V (Note 5)
25
-
1.3
4
Full
-
-
6
RON Flatness, RFLAT(ON)
VS = ±4.5V, ICOM = 2mA, VNO or VNC = ±3V, 0V
(Note 6)
25
-
7.5
9
Full
-
-
12
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V
(Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM OFF Leakage Current,
ICOM(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V
(Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
VS = ±5.5V, VCOM = VNO or VNC = ±4.5V (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
2.4
-
-
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.8
V
Input Current, IADDH, IADDL, IENH,
IENL
VS = ±5.5V, VINH, VADD = 0V or V+
Full
-0.5
-
0.5
µA
Input Current, IENH, ILEH
VS = ±5.5V, VINH, VADD = 0V or V+
Full
-1.5
-
1.5
µA
Input Current, IENL, ILEL
VS = ±5.5V, VINH, VADD = 0V or V+
Full
-4
-
4
µA
ISL43681, ISL43741


Similar Part No. - ISL43681

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681IR INTERSIL-ISL43681IR Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681IR RENESAS-ISL43681IR Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681IRZ INTERSIL-ISL43681IRZ Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
More results

Similar Description - ISL43681

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582 INTERSIL-ISL84582 Datasheet
405Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com