Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43681 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL43681
Description  Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43681 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL43681 Datasheet HTML 4Page - Intersil Corporation ISL43681 Datasheet HTML 5Page - Intersil Corporation ISL43681 Datasheet HTML 6Page - Intersil Corporation ISL43681 Datasheet HTML 7Page - Intersil Corporation ISL43681 Datasheet HTML 8Page - Intersil Corporation ISL43681 Datasheet HTML 9Page - Intersil Corporation ISL43681 Datasheet HTML 10Page - Intersil Corporation ISL43681 Datasheet HTML 11Page - Intersil Corporation ISL43681 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
COM OFF Leakage Current,
ICOM(OFF)
V+ = 3.6V, VCOM = 0V, 4.5V, VNO or VNC = 3V, 1V
(Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 3.6V, VCOM = VNO or VNC = 3V (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
2.4
-
-
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.8
V
Input Current, IADDH, IADDL, IENH,
IENL
V+ = 3.6V, VINH, VADD = 0V or V+
Full
-0.5
-
0.5
µA
Input Current, IENH, ILEH
V+ = 3.6V, VINH, VADD = 0V or V+
Full
-1.5
-
1.5
µA
Input Current, IENL, ILEL
V+ = 3.6V, VINH, VADD = 0V or V+
Full
-4
-
4
µA
DYNAMIC CHARACTERISTICS
Enable Turn-ON Time, tON
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (See Figure 1)
25
-
82
100
ns
Full
-
-
120
ns
Enable Turn-OFF Time, tOFF
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (See Figure 1)
25
-
37
50
ns
Full
-
-
60
ns
Address Transition Time, tTRANS
V+ = 3.0V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (See Figure 1)
25
-
96
120
ns
Full
-
-
145
ns
Break-Before-Make Time, tBBM
V+ = 3.6V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (See Figure 3)
Full
3
13
-
ns
Latch Setup Time, tS
(See Figure 4)
25
50
-
-
ns
Full
60
-
-
ns
Latch Hold Time, tH
(See Figure 4)
25
0
-
-
ns
Full
0
-
-
ns
Latch Pulse Width, tWPW
(See Figure 4)
25
30
-
-
ns
Full
40
-
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (See Figure 2)
25
-
0.3
1
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz,
VNO or VNC = 1VRMS (See Figures 5, 7 and 20)
25
-
92
-
dB
Crosstalk, (Note 8), (ISL43741 only)
25
-
<-110
-
dB
All Hostile Crosstalk, (Note 8),
(ISL43741 only)
25
-
-105
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2
-
12
V
Positive Supply Current, I+
V+ = 3.6V, V- = 0V, VINH, VADD = 0V or V+,
Switch On or Off
Full
-7
-
7
µA
Positive Supply Current, I-
Full
-1
-
1
µA
Electrical Specifications 3.3V Supply
Test Conditions: V+ = +3.0V to +3.6V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 4)
TYP
MAX
(NOTE 4)UNITS
ISL43681, ISL43741


Similar Part No. - ISL43681

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681IR INTERSIL-ISL43681IR Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681IR RENESAS-ISL43681IR Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681IRZ INTERSIL-ISL43681IRZ Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
More results

Similar Description - ISL43681

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582 INTERSIL-ISL84582 Datasheet
405Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com