Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43240IR Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL43240IR
Description  Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43240IR Datasheet(HTML) 4 Page - Intersil Corporation

  ISL43240IR Datasheet HTML 1Page - Intersil Corporation ISL43240IR Datasheet HTML 2Page - Intersil Corporation ISL43240IR Datasheet HTML 3Page - Intersil Corporation ISL43240IR Datasheet HTML 4Page - Intersil Corporation ISL43240IR Datasheet HTML 5Page - Intersil Corporation ISL43240IR Datasheet HTML 6Page - Intersil Corporation ISL43240IR Datasheet HTML 7Page - Intersil Corporation ISL43240IR Datasheet HTML 8Page - Intersil Corporation ISL43240IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
±2-
±6V
Positive Supply Current, I+
VS = ±5.5V, VIN = 0V or V+, Switch On or Off
25
-1
0.01
1
µA
Full
-1
-
1
µA
Negative Supply Current, I-
25
-1
0.01
1
µA
Full
-1
-
1
µA
NOTES:
5. VIN = Input voltage to perform proper function.
6. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
7. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25oC.
8. Flatness is defined as the delta between the maximum and minimum RON values over the specified voltage range.
9. Between any two switches.
Electrical Specifications: 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 5)
TYP
MAX
(NOTE 5)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3.5V,
See Figure 5
25
-
30
40
Full
-
-
50
RON Matching Between Channels,
∆R
ON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3V
25
-
0.5
3
Full
-
-
4
RON Flatness, RFLAT(ON)
V+ = 5.5V, ICOM = 1.0mA, VNO or VNC = 1V, 2V, 3V,
Note 7
25
-
4.4
6
Full
-
-
8
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V,
Note 6
25
-0.2
-
0.2
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 1V, 4.5V
Note 6
25
-0.4
-
0.4
nA
Full
-5
-
5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
1.5
-
V
Input Voltage Low, VINL
Full
-
1.4
0.8
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
Full
-1
-
1
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 1
25
-
64
80
ns
Full
-
-
90
ns
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 1
25
-
29
40
ns
Full
-
-
45
ns
Break-Before-Make Time Delay, tD
V+ = 5.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 3
Full
15
39
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, See Figure 2
25
-
1.2
2
pC
NO OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
10
-
pF
NC OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
10
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
30
-
pF
OFF Isolation
RL = 50Ω, CL = 15pF, f = 1MHz,
VNO or VNC = 1VRMS, See Figures 4 and 6
25
-
71
-
dB
Crosstalk, Note 8
25
-
-92
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
59
-
dB
Electrical Specifications:
±5V Supply Test Conditions: V
SUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL43240


Similar Part No. - ISL43240IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43240IR INTERSIL-ISL43240IR Datasheet
463Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL43240IR-T INTERSIL-ISL43240IR-T Datasheet
463Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL43240IRZ INTERSIL-ISL43240IRZ Datasheet
463Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL43240IRZ INTERSIL-ISL43240IRZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240IRZ RENESAS-ISL43240IRZ Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
More results

Similar Description - ISL43240IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43240 INTERSIL-ISL43240_04 Datasheet
463Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Intersil Corporation
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com