Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43113IB Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL43113IB
Description  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43113IB Datasheet(HTML) 1 Page - Intersil Corporation

  ISL43113IB Datasheet HTML 1Page - Intersil Corporation ISL43113IB Datasheet HTML 2Page - Intersil Corporation ISL43113IB Datasheet HTML 3Page - Intersil Corporation ISL43113IB Datasheet HTML 4Page - Intersil Corporation ISL43113IB Datasheet HTML 5Page - Intersil Corporation ISL43113IB Datasheet HTML 6Page - Intersil Corporation ISL43113IB Datasheet HTML 7Page - Intersil Corporation ISL43113IB Datasheet HTML 8Page - Intersil Corporation ISL43113IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6029.1
ISL43112, ISL43113
Low-Voltage, Dual Supply, SPST, High
Performance Analog Switches
The Intersil ISL43112 and ISL43113 are precision, high
performance analog switches designed to operate from ±1.5V
to ±6V supplies. These devices are fully specified for 10%
tolerance ±5V and ±3.3V supplies, and feature supply and
leakage currents much lower than those of other single SPST
switches. Turn-on and turn-off times are also improved.
Targeted applications include battery powered equipment that
benefit from the devices’ low power consumption (250
µW), sub-
nanoamp leakage currents, and fast switching speeds
(tON = 40ns, tOFF = 25ns). The small SOT-23 packages, and
timing that delivers break-before-make operation, make this
family ideal for custom multiplexer applications. Additionally,
excellent RON flatness maintains signal fidelity over the whole
input range, while micro packaging alleviates board space
limitations. All these benefits combine to make Intersil’s newest
line of low-voltage switches ideal solutions for “Next
Generation” designs.
The ISL4311X are single-pole/single-throw (SPST) switches, with
the ISL43112 being normally open (NO), and the ISL43113 being
normally closed (NC).
Table 1 summarizes the performance of this family. For single
supply versions, see the ISL43110/11 datasheet..
Features
• Fully Specified at VS = ±5V and ±3.3V for 10% Tolerances
• Available in SOT-23 Packaging
• Dual Supply Operation. . . . . . . . . . . . . . . . . . . .
±1.5V to ±6V
• ON Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
•RON Flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5Ω
• Charge Injection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7pC
• Low Leakage Current (Max at 85oC) . 5nA (Off Leakage)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20nA (On Leakage)
• Fast Switching Action
-tON. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns
• Break-Before-Make Operation at VS = ±5V
• Minimum 2000V ESD Protection per Method 3015.7
• CMOS Logic Compatible
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones, Pagers
- Laptops, Notebooks, Palmtops, PDA’s
• Communications Systems
-Radios
- PBX, PABX
• Test Equipment
- Logic and Spectrum Analyzers
- Portable Meters, DVM, DMM
• Medical Equipment
- Ultrasound, MRI, CAT SCAN
- Electrocardiograph, Blood Analyzer
• Audio and Video Switching
• General Purpose Circuits
- Low Voltage DACs and ADCs
- Sample and Hold Circuits
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL43112
ISL43113
Number of Switches
11
Configuration
NO
NC
±4.5V RON
15
15
±4.5V t
ON / tOFF
42ns / 25ns
42ns / 25ns
±3V R
ON
20
20
±3V tON / tOFF
58ns / 37ns
58ns / 37ns
Packages
8 Ld SOIC, 5 Ld SOT-23
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
ISL43112IB
-40 to 85
8 Ld SOIC
M8.15
ISL43112IB-T
-40 to 85
Tape and Reel
M8.15
ISL43112IH-T
(112I)
-40 to 85
5 Ld SOT-23,
Tape and Reel
P5.064
ISL43113IB
-40 to 85
8 Ld SOIC
M8.15
ISL43113IB-T
-40 to 85
Tape and Reel
M8.15
ISL43113IH-T
(113I)
-40 to 85
5 Ld SOT-23,
Tape and Reel
P5.064
Data Sheet
October 2002
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL43113IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43113IB INTERSIL-ISL43113IB Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43113IB INTERSIL-ISL43113IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43113IB-T INTERSIL-ISL43113IB-T Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43113IB-T INTERSIL-ISL43113IB-T Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43113IBZ INTERSIL-ISL43113IBZ Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
More results

Similar Description - ISL43113IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com