Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43110 Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL43110
Description  Low-Voltage, Single Supply, SPST, High Performance Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43110 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL43110 Datasheet HTML 4Page - Intersil Corporation ISL43110 Datasheet HTML 5Page - Intersil Corporation ISL43110 Datasheet HTML 6Page - Intersil Corporation ISL43110 Datasheet HTML 7Page - Intersil Corporation ISL43110 Datasheet HTML 8Page - Intersil Corporation ISL43110 Datasheet HTML 9Page - Intersil Corporation ISL43110 Datasheet HTML 10Page - Intersil Corporation ISL43110 Datasheet HTML 11Page - Intersil Corporation ISL43110 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Small Outline Transistor Plastic Packages (SOT23-5)
NOTES:
17. Dimensioning and tolerances per ANSI 14.5M-1982.
18. Package conforms to EIAJ SC-74A (1992).
19. Dimensions D and E1 are exclusive of mold flash, protrusions, or
gate burrs.
20. Footlength L measured at reference to seating plane.
21. “L” is the length of flat foot surface for soldering to substrate.
22. “N” is the number of terminal positions.
23. Controlling dimension: MILLIMETER. Converted inch
dimensions are not necessarily exact.
D
e1
E
E1
L
CL
C
α
CL
e
b
CL
A2
A
A1
CL
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
P5.064
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.036
0.057
0.90
1.45
-
A1
0.000
0.0059
0.00
0.15
-
A2
0.036
0.051
0.90
1.30
-
b
0.0138
0.0196
0.35
0.50
-
C
0.0036
0.0078
0.09
0.20
-
D
0.111
0.118
2.80
3.00
3
E
0.103
0.118
2.60
3.00
-
E1
0.060
0.068
1.50
1.75
3
e
0.0374 Ref
0.95 Ref
-
e1
0.0748 Ref
1.90 Ref
-
L
0.004
0.023
0.10
0.60
4, 5
N5
5
6
α
0o
10o
0o
10o
-
Rev. 0 10/98
ISL43110, ISL43111


Similar Part No. - ISL43110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110IB INTERSIL-ISL43110IB Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110IB-T INTERSIL-ISL43110IB-T Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
More results

Similar Description - ISL43110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com