Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43110 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL43110
Description  Low-Voltage, Single Supply, SPST, High Performance Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43110 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL43110 Datasheet HTML 1Page - Intersil Corporation ISL43110 Datasheet HTML 2Page - Intersil Corporation ISL43110 Datasheet HTML 3Page - Intersil Corporation ISL43110 Datasheet HTML 4Page - Intersil Corporation ISL43110 Datasheet HTML 5Page - Intersil Corporation ISL43110 Datasheet HTML 6Page - Intersil Corporation ISL43110 Datasheet HTML 7Page - Intersil Corporation ISL43110 Datasheet HTML 8Page - Intersil Corporation ISL43110 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6028.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, All Rights Reserved
ISL43110, ISL43111
Low-Voltage, Single Supply, SPST, High
Performance Analog Switches
The Intersil ISL4311X are precision, high performance analog
switches that are fully specified for 3.3V, 5V, and 12V
operation, and feature improved leakage, Icc, and switching
time specifications.
Designed to operate from a single +2.4V to +12V supply, the
low supply current (1
µA Max over the temperature and
voltage ranges) and low leakage currents (1nA) make these
switches ideal for battery powered applications.
Low RON and fast switching speeds over a wide operating
supply range increase these devices usefulness in industrial
equipment, portable instruments, and as input signal
multiplexers for new generation, low supply voltage data
converters. Some of the smallest packages are available
alleviating board space limitations, and making Intersil’s
newest line of low-voltage switches an ideal solution.
The ISL4311X are single-pole/single-throw (SPST) switches,
with the ISL43110 being normally open (NO), and the
ISL43111 being normally closed (NC).
Table 1 summarizes the performance of this family. For
similar performance
±5V supply versions, see the
ISL43112/13 data sheet.
Features
• Fully Specified at 3.3V, 5V, and 12V Supplies
• Available in SOT-23 Packaging
• Single Supply Operation. . . . . . . . . . . . . . . . . +2.4V to +12V
• ON Resistance (RON Max). . . . . . . . . . . . . 20Ω (V+ = 5V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Ω (V+ = 12V)
•RON Flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5Ω
• Charge Injection (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . 10pC
• Low Power Consumption (PD Max). . . . . . . . . . . . . . . .<5µW
• Low Leakage Current (Max at 85oC) . 10nA (Off Leakage)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20nA (On Leakage)
• Fast Switching Action
-tON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80ns
-tOFF (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ns
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones, Pagers
- Laptops, Notebooks, Palmtops, PDAs
• Communications Systems
-Radios
- PBX, PABX
• Test Equipment
- Logic and Spectrum Analyzers
- Portable Meters, DVM, DMM
• Medical Equipment
- Ultrasound, MRI, CAT SCAN
- Electrocardiograph, Blood Analyzer
• Heads-Up Displays
• Audio and Video Switching
• General Purpose Circuits
- +3V/+5V DACs and ADCs
- Sample and Hold Circuits
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits
Related Literature
• Tech Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL43110
ISL43111
Number of Switches
1
1
Configuration
NO
NC
3.3V RON
15
15
3.3V tON / tOFF
55ns / 28ns
55ns / 28ns
5V RON
11
11
5V tON / tOFF
45ns / 20ns
45ns / 20ns
12V RON
7
7
12V tON / tOFF
37ns / 21ns
37ns / 21ns
Packages
8 Ld SOIC, 5 Ld SOT-23
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
ISL43110IB
-40 to 85
8 Ld SOIC
M8.15
ISL43110IB-T
-40 to 85
Tape and Reel
M8.15
ISL43110IH-T
(110I)
-40 to 85
5 Ld SOT-23, Tape
and Reel
P5.064
ISL43111IB
-40 to 85
8 Ld SOIC
M8.15
ISL43111IB-T
-40 to 85
Tape and Reel
M8.15
ISL43111IH-T
(111I)
-40 to 85
5 Ld SOT-23, Tape
and Reel
P5.064
Data Sheet
October 2002


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn