Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43110 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL43110
Description  Low-Voltage, Single Supply, SPST, High Performance Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43110 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL43110 Datasheet HTML 2Page - Intersil Corporation ISL43110 Datasheet HTML 3Page - Intersil Corporation ISL43110 Datasheet HTML 4Page - Intersil Corporation ISL43110 Datasheet HTML 5Page - Intersil Corporation ISL43110 Datasheet HTML 6Page - Intersil Corporation ISL43110 Datasheet HTML 7Page - Intersil Corporation ISL43110 Datasheet HTML 8Page - Intersil Corporation ISL43110 Datasheet HTML 9Page - Intersil Corporation ISL43110 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
CL includes fixture and stray capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3. OFF ISOLATION TEST CIRCUIT
FIGURE 4. RON TEST CIRCUIT
50%
tr < 20ns
tf < 20ns
tOFF
90%
3V or 5V
0V
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(NO or NC)
RL
RL R ON
()
+
------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
300
35pF
GND
V+
C
VOUT
∆VOUT
ON
OFF
ON
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
CL
VOUT
RG
VG
GND
COM
NO or NC
V+
C
LOGIC
INPUT
IN
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V or V+
NO or NC
COM
IN
GND
V+
C
0.8V or VINH
NO or NC
COM
IN
GND
VCOM
V1
RON = V1/1mA
1mA
ISL43110, ISL43111


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn