Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43110 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ISL43110
Description  Low-Voltage, Single Supply, SPST, High Performance Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43110 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL43110 Datasheet HTML 1Page - Intersil Corporation ISL43110 Datasheet HTML 2Page - Intersil Corporation ISL43110 Datasheet HTML 3Page - Intersil Corporation ISL43110 Datasheet HTML 4Page - Intersil Corporation ISL43110 Datasheet HTML 5Page - Intersil Corporation ISL43110 Datasheet HTML 6Page - Intersil Corporation ISL43110 Datasheet HTML 7Page - Intersil Corporation ISL43110 Datasheet HTML 8Page - Intersil Corporation ISL43110 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V
25
-
15
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V
25
-
40
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 13V, VIN = 0V or V+, Switch On or Off
Full
-1
-
1
µA
Electrical Specifications: 3.3V Supply
Test Conditions: V+ = +3.0V to +3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 3V, ICOM = 1.0mA, VCOM = 1.5V
25
-
15
30
Full
-
18
40
RON Flatness, RFLAT(ON)
ICOM = 1.0mA, VCOM = 0.5V, 1V, 1.5V
25
-
3
5.5
Full
-
4
7
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.6V, VCOM = 1V, 3V, VNO or VNC = 3V, 1V, Note
6
25
-1
-
1
nA
Full
-10
-
10
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 3.6V, VCOM = 3V, 1V, VNO or VNC = 1V, 3V, Note
6
25
-1
-
1
nA
Full
-10
-
10
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 3.6V, VCOM = 1V, 3V, or VNO or VNC = 1V, 3V,
or floating, Note 6
25
-1
-
1
nA
Full
-20
-
20
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
-
-
V
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-1
-
1
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V
25
-
55
100
ns
Full
-
70
150
ns
Turn-OFF Time, tOFF
VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V
25
-
28
60
ns
Full
-
35
85
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω
25
-
2
10
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz
25
-
>90
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
58
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V
25
-
15
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V
25
-
15
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V
25
-
40
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+, Switch On or Off
Full
-1
-
1
µA
Electrical Specifications: 12V Supply
Test Conditions: V+ = +10.8V to +13V, GND = 0V, VINH = 5V, VINL = 0.8V (Note 4),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE5)
MAX
UNITS
ISL43110, ISL43111


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn