Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4223EIR-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL4223EIR-T
Description  QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4223EIR-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL4223EIR-T Datasheet HTML 1Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 2Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 3Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 4Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 5Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 6Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 7Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 8Page - Intersil Corporation ISL4223EIR-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Typical Operating Circuits
ISL4221E
ISL4223E
13
VCC
T1OUT
T1IN
T1
0.1
µF
+0.1µF
+
0.1
µF
9
11
16
2
1
5
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
3
4
R1OUT
R1IN
R1
6
7
5k
C1
C2
+ C3
C4
EN
15
GND
+3.3V
+
0.1
µF
12
TTL/CMOS
LOGIC
RS-232
LEVELS
FORCEON
FORCEOFF
10
14
VCC
8
INVALID
TO POWER
CONTROL LOGIC
LEVELS
17
VCC
T1OUT
T2OUT
T1IN
T2IN
T1
T2
0.1
µF
+
0.1
µF
+
0.1
µF
11
10
15
6
20
2
1
5
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
3
4
R1OUT
R1IN
14
5k
R2OUT
R2IN
7
8
5k
13
C1
C2
+ C3
C4
EN
19
GND
+3.3V
+
0.1
µF
16
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
R1
R2
FORCEON
FORCEOFF
12
18
VCC
9
INVALID
TO POWER
CONTROL LOGIC
ISL4221E, ISL4223E


Similar Part No. - ISL4223EIR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4223EIR INTERSIL-ISL4223EIR Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4223EIR INTERSIL-ISL4223EIR Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4223EIR INTERSIL-ISL4223EIR Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4223EIR RENESAS-ISL4223EIR Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4223EIRZ INTERSIL-ISL4223EIRZ Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
More results

Similar Description - ISL4223EIR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ISL3241EIRZ INTERSIL-ISL3241EIRZ Datasheet
681Kb / 16P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
June 18, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com