Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS5 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # OLS5
Description  Optical liquid level sensor M10 mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

OLS5 Datasheet(HTML) 1 Page - Cynergy3 Co

  OLS5 Datasheet HTML 1Page - Cynergy3 Co OLS5 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2012 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
OLS5 Series
Optical liquid level sensor M10 mount
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The OLS5 series is a liquid level sensor for
single point liquid level detection.
The sensor has an infra-red emitter and
detector aligned within an accurately
shaped cone to give good optical coupling
when the sensor is in air. This coupling is
greatly reduced, when the sensor is
immersed in liquid, as the infra-red light
escapes through the liquid rather than
being reflected back to the detector.
The sensor has a transistor output, so can
be configured by the user for particular
applications.
Output is via TTL compatible push pull
output.
Mechanical Dimensions
Internal mount via M10x1 thread
High and Low output versions
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
Low cost sensors for general liquid sensing
High reliability optical sensing
Standard temperature range -25ºC to +80ºC
Extended temperature range -40ºC to +125ºC
T
echnical Specification
Mounting style
Internal
Cable length - standard
25cm
Mounting thread
M10x1
Wire size
24AWG
Body material
Polysulfone UDEL 1700
Cable conductor material
Tinned copper
Temperature Range
-25 to +80ºC/-40º to +125ºC
Wire sheath material
PTFE
Maximum pressure
20 bar
Wire temperature rating
125ºC
Tightening torque for fixing1.5Nm/13.26lbs in
Sealing gasket
Not supplied
Electrical Specification
Supply Voltage (Vs)
Vdc
4.5 to 15.4
Supply Current Max (Is)
mA
2.5 (Vs = 15.4Vdc)
Output type
Voltage High or Low
Output Voltage (Vout) @ Iout=100mA
Output High Vout = Vs-1V max Output Low Vout = 0.5Vmax
Output Sink & Source Current Iout
100mA max
Sensor connections
Red= supply +ve, Blue= common(0V), Green= Output
Standard Parts
Mount
Temp Range ºC
Supply Volts V
Output
OLS500D3
M10x1
-25 to +80
5 to 15dc
High in air
OLS500D3L
M10x1
-25 to +80
5 to 15dc
Low in air
OLS510D3
M10x1
-40 to +125
5 to 15dc
High in air
OLS510D3L
M10x1
-40 to +125
5 to 15dc
Low in air
Ø 12
Ø 10
M10x1 Thread
22.70
Ø 10
M10x1 Thread
22.70


Similar Part No. - OLS5

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
   Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
More results

Similar Description - OLS5

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
OLS2 CYNERGY3-OLS2 Datasheet
860Kb / 2P
   Optical liquid level sensor M12 mount
OLS7 CYNERGY3-OLS7 Datasheet
888Kb / 2P
   Optical liquid level sensor 1/4NPT mount
logo
American Electronic Com...
DLN AEC-DLN Datasheet
206Kb / 1P
   Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
   Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
   Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
   Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com