Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5N5005PL-E0-E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # H5N5005PL-E0-E
Description  500V - 60A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N5005PL-E0-E Datasheet(HTML) 2 Page - Renesas Technology Corp

  H5N5005PL-E0-E_15 Datasheet HTML 1Page - Renesas Technology Corp H5N5005PL-E0-E_15 Datasheet HTML 2Page - Renesas Technology Corp H5N5005PL-E0-E_15 Datasheet HTML 3Page - Renesas Technology Corp H5N5005PL-E0-E_15 Datasheet HTML 4Page - Renesas Technology Corp H5N5005PL-E0-E_15 Datasheet HTML 5Page - Renesas Technology Corp H5N5005PL-E0-E_15 Datasheet HTML 6Page - Renesas Technology Corp H5N5005PL-E0-E_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
H5N5005PL-E0-E
Preliminary
R07DS1199EJ0300 Rev.3.00
Page 2 of 6
Mar 25, 2014
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to Source breakdown voltage
V(BR)DSS
500
V
ID = 10 mA, VGS = 0
Zero Gate voltage Drain current
IDSS
10
μA
VDS = 500 V, VGS = 0
Gate to Source leak current
IGSS
±0.1
μA
VGS = ±30 V, VDS = 0
Gate to Source cutoff voltage
VGS(off)
2.0
4.0
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|
25
42
S
ID = 30 A, VDS = 10 V
Note4
Static Drain to Source on state
resistance
RDS(on)
0.070
0.085
Ω
ID = 30 A, VGS= 10 V
Note4
Input capacitance
Ciss
10550
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Output capacitance
Coss
1060
pF
Reverse transfer capacitance
Crss
180
pF
Turn-on delay time
td(on)
115
ns
ID= 30 A
VGS = 10 V
RL = 8.33
Ω
Rg = 10
Ω
Rise time
tr
380
ns
Turn-off delay time
td(off)
560
ns
Fall time
tf
300
ns
Total Gate charge
Qg
300
nC
VDD = 400 V
VGS = 10 V
ID = 60 A
Gate to Source charge
Qgs
40
nC
Gate to Drain charge
Qgd
155
nC
Body-Drain diode forward voltage
VDF
1.0
1.5
V
IF = 60 A, VGS = 0
Note4
Body-Drain diode reverse recovery
time
trr
220
ns
IF = 60 A, VGS = 0
diF/dt = 100A/
μs
Body-Drain diode reverse recovery
charge
Qrr
2.0
μC
Note: 4. Pulse test


Similar Part No. - H5N5005PL-E0-E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N5005PL-E0-E RENESAS-H5N5005PL-E0-E Datasheet
254Kb / 8P
   500V - 60A - MOS FET High Speed Power Switching
Nov.4.2021
More results

Similar Description - H5N5005PL-E0-E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N5005PL-E0-E RENESAS-H5N5005PL-E0-E Datasheet
254Kb / 8P
   500V - 60A - MOS FET High Speed Power Switching
Nov.4.2021
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0_15 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0_15 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
2SK1629-E1-E RENESAS-2SK1629-E1-E_15 Datasheet
137Kb / 7P
   500V - 30A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0_15 Datasheet
88Kb / 7P
   500V - 12A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E Datasheet
250Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Oct.28.2021
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E Datasheet
254Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Nov.4.2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com