Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM10WRAS Datasheet(PDF) 1 Page - Cynergy3 Co

Part No. LM10WRAS
Description  This small design of switch is for use in more confined spaces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LM10WRAS Datasheet(HTML) 1 Page - Cynergy3 Co

  LM10WRAS Datasheet HTML 1Page - Cynergy3 Co LM10WRAS Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For smaller tanks and
restricted space
Use in sewer and
industrial waste
water
Shape avoids
“ragging”, in sewer
systems
Unaffected by
suspended solids
Operates in Turbulent
Fluids
This is suitable for use in water, industrial wastewater and sewage, that can have
wide variations of temperature. This small design of switch is for use in more confined
spaces, where there is not enough room for the larger FFSMC type.
The rounded body design and floating attitude prevents accumulation of solids on
the body. The switch has additional internal ballast, to bring the centre of gravity and
rotation close to the cable entry point.
The switching element is a self cleaning type, that makes the complete switch
insensitive to humidity and condensation, allowing this type to operate in widely
fluctuating temperatures. The switch contacts are rated at 10 Amp resistive.
Supplied, as standard, with 5 metres cable and adjustable counterweight.
Cynergy3 Components Ltd
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset BH21 7PE
Tel:
+44 (0) 1202 897969
sales@cynergy3.com
On - Off
Differential
15°
15°
Off - On
47
75
Minimum Cable Pivot
length 120mm
Technical Specifications
LM10A
LM10B
LM10C
WW
W
Contact Form
N/O
N/C
C/O
Material
High Density Polyethylene
Temp Range
°C
0 / +55
°C
(WRAS approved up to +23
)
°F
+ 32 / +131
Cable (standard length 5m)
With protective earth
no earth
Standard cable covering
WRC Approved
Max. working pressure
10 bar
Electrical Specifications
Power Rating
Max
AC : 750 VA DC : 180W
Switching Voltage
Max
AC : 250 V DC : 110 V
Switching Current Max. Resistive
10 A
Switching Current Max. Inductive
AC : 4A DC : 1 A
129
It is necessary to use an auxiliary relay, when switching pump motors or any loads that are not
purely resistive.
LM
Series
WRAS Approved
www.cynergy3.com
ISO 9001CERTIFIED
© 2014 Cynergy3 omponents, All Rights Reserved.
C
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.


Similar Part No. - LM10WRAS

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
Linear Technology
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
National Semiconductor (TI)
National Semiconductor ...
LM10 NSC-LM10 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
Cynergy3 Co
Cynergy3 Co
LM10 CYNERGY3-LM10 Datasheet
300Kb / 1P
   switch for turbulent liquids & confined spaces
Texas Instruments
Texas Instruments
LM10 TI-LM10 Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
More results

Similar Description - LM10WRAS

ManufacturerPart No.DatasheetDescription
Cynergy3 Co
Cynergy3 Co
LM10 CYNERGY3-LM10 Datasheet
300Kb / 1P
   switch for turbulent liquids & confined spaces
PHOENIX CONTACT
PHOENIX CONTACT
2702475 PHOENIX-2702475 Datasheet
80Kb / 4P
   Narrow design enables mounting even in confined spaces
List of Unclassifed Manufacturers
List of Unclassifed Man...
37026 ETC-37026 Datasheet
280Kb / 1P
   Ideal for use with indexable carbide tooling and also for working in confined spaces
00433 ETC2-00433 Datasheet
24Kb / 1P
   A RANGE OF OFFSET SECRWDRIVERS FOR WORKING IN CONFINED OR DIFFICULT SPACES
Cynergy3 Co
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
   This series is for use in hazardous areas This is suitable for use in water
PHOENIX CONTACT
PHOENIX CONTACT
Q-LEVER PHOENIX-Q-LEVER Datasheet
48Kb / 2P
   QUICKON lever tool, with angled head for confined spaces
Rectron Semiconductor
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
TE Connectivity Ltd
TE Connectivity Ltd
408-10421 TEC-408-10421 Datasheet
150Kb / 1P
   This product is for use in a restricted access location only.
STMicroelectronics
STMicroelectronics
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
   The purpose of this document is to describe the design of the application
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
   The purpose of this document is to describe the design of the application
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz