Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPSS-G5000-5C Datasheet(PDF) 2 Page - Cynergy3 Co

Part # IPSS-G5000-5C
Description  Semi-Flush Mount Pressure Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSS-G5000-5C Datasheet(HTML) 2 Page - Cynergy3 Co

  IPSS-G5000-5C Datasheet HTML 1Page - Cynergy3 Co IPSS-G5000-5C Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Output Signal and Supply Voltage
Wiring Designation
Wire system Output
Supply Volts
Connection
Pin No. (Large plug and socket)
2-wire
4-20mA
9-32Vdc
+ve Supply
Pin 1
-ve Supply
Pin 2
Ground
Earth pin
3-wire
0-10Vdc (
14-32 Vdc
+ve Supply
Pin 1
non-ratiometric)
-ve Supply
Pin 2
+ve Output
Pin 3
Ground
Earth Pin
IPS
series
S
Semi-Flush Mount Pressure Transmitter
Input Pressure Ranges
Nominal pressure, Gauge,
Bar
0.1
0.5
1
2
5
10
20
50
100
Nominal pressure , Absolute
Bar
-
-
1
2
5
10
20
-
-
*
Nominal pressure , Compound
Bar
-1 to +1
-1 to +5
-1 to+9
-1 to +19
*
Permissible Overpressure
Bar
2
2
5
5
10
20
50
100
200
* Ceramic sensor only
Part No
Sensor type
Pressure Range
Output
IPSS-G0100-5S
Silicon
0-100mbar G (0-1.4psi)
4-20mA
IPSS-G0500-5S
Silicon
0-500mbar G (0-7.25psi)
4-20mA
IPSS-G1000-5S
Silicon
0-1000mbar G (0-14.5psi)
4-20mA
IPSS-G2000-5C Ceramic
0-2 Bar G (0-29psi)
4-20mA
IPSS-G5000-5C Ceramic
0-5 Bar G (0-73psi)
4-20mA
IPSS-G1002-5C Ceramic
0-10 Bar G (0-145psi
4-20mA
IPSS-G2002-5C Ceramic
0-20 Bar G (0-290psi)
4-20mA
IPSS-G5002-5C Ceramic
0-50 Bar G (0-725psi)
4-20mA
IPSS-G1003-5C Ceramic
0-100 Bar G(1450psi)
4-20mA
IPSS-G0100-7S
Silicon
0-100mbar G (0-1.4psi)
0 -10V
IPSS-G0500-7S
Silicon
0-500mbar G (0-7.25psi)
0 -10V
IPSS-G1000-7S
Silicon
0-1000mbar G (0-14.5psi)
0 -10V
IPSS-G2000-7C Ceramic
0-2 Bar G (0-29psi)
0 -10V
IPSS-G5000-7C Ceramic
0-5 Bar G (0-73psi)
0 -10V
IPSS-G1002-7C Ceramic
0-10 Bar G (0-145psi
0 -10V
IPSS-G2002-7C Ceramic
0-20 Bar G (0-290psi)
0 -10V
IPSS-G5002-7C Ceramic
0-50 Bar G (0-725psi)
0 -10V
IPSS-G1003-7C Ceramic
0-100 Bar G(1450psi)
0 -10V
IPSS-GM1P1-5C Ceramic
-1 to +1 Bar G (-14.5 to + 14.5psi) 4-20mA
IPSS-GM1P5-5C Ceramic
-1 to +5 Bar G (-14.5 to +73psi)
4-20mA
IPSS-GM1P9-5C Ceramic
-1 to +9 Bar G (-14.5 to +131psi) 4-20mA
IPSS-C0072-5C
Ceramic
-1 to +19 Bar G (-14.5 to +276psi) 4-20mA
IPSS-A1000-5C Ceramic
0-1 Bar Abs (0-14.5psiA)
4-20mA
IPSS-A2000-5C Ceramic
0-2 Bar Abs (0-29psiA)
4-20mA
IPSS-A5000-5C Ceramic
0-5 Bar Abs (0-73psiA)
4-20mA
IPSS-A1002-5C Ceramic
0-10 Bar Abs (0-1345psiA)
4-20mA


Similar Part No. - IPSS-G5000-5C

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSSAT CYNERGY3-IPSSAT Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
IPSSAT-A1000-5C CYNERGY3-IPSSAT-A1000-5C Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
IPSSAT-A1002-5C CYNERGY3-IPSSAT-A1002-5C Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
IPSSAT-A2000-5C CYNERGY3-IPSSAT-A2000-5C Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
IPSSAT-A5000-5C CYNERGY3-IPSSAT-A5000-5C Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
More results

Similar Description - IPSS-G5000-5C

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSSAT CYNERGY3-IPSSAT Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
logo
Fuji Electric
EDSX5-98G FUJI-EDSX5-98G Datasheet
187Kb / 8P
   PRESSURE TRANSMITTER (DIRECT MOUNT TYPE)
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
   Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
   Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
   Pressure transmitter
8025976 FESTO-8025976 Datasheet
76Kb / 2P
   Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
   Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
   Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
   Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
   Pressure transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com