Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILLS-G0500-5-007 Datasheet(PDF) 2 Page - Cynergy3 Co

Part # ILLS-G0500-5-007
Description  Submersible Tank Gauging Level Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

ILLS-G0500-5-007 Datasheet(HTML) 2 Page - Cynergy3 Co

  ILLS-G0500-5-007 Datasheet HTML 1Page - Cynergy3 Co ILLS-G0500-5-007 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Pressure Ranges and Passive mV/V Outputs
Nominal Pressure, Gauge
mW G
1
2.5
5
7
10
Permissible Overpressure
mW
20
20
10
50
50
Output Signals and Supply Voltages
Wire systemOutput
Supply Voltage
Connection
Wire Colours
2-wire
4-20mA
9-32Vdc
+ve Supply
Brown
-ve Supply
White
Ground
Pink
Cable Screen
Green
3-wire
0.5-4.5Vdc
9-32Vdc
+ve Supply
Brown
non-ratiometric
-ve Supply
White
+ve Output
Yellow
Ground
Pink
Care must be taken regarding screening and earthing when using voltage output
Cable Screen
Green
ILLS series
Submersible Tank Gauging Level Transmitter
Mechanical Dimensions
Part No
Pressure Range
Cable Length Output
ILLS-G0100-5-003 0-1mWG (0-39"WG)
3M
4-20mA
ILLS-G0250-5-005 0-2.5mWG (0-98"WG) 5M
4-20mA
ILLS-G0500-5-007 0-5mWG (0-197"WG)
7M
4-20mA
ILLS-G0750-5-010 0-7.5mWG (0-276"WG) 10M
4-20mA
ILLS-G1000-5-015 0-10mWG (0-394"WG) 15M
4-20mA
ILLS-G0100-D-003 0-1mWG (0-39"WG)
3M
0.5 to 4.5V 3Wire
ILLS-G0250-D-005 0-2.5mWG (0-98"WG) 5M
0.5 to 4.5V 3Wire
ILLS-G0500-D-007 0-5mWG (0-197"WG)
7M
0.5 to 4.5V 3Wire
ILLS-G0750-D-010 0-7.5mWG (0-276"WG) 10M
0.5 to 4.5V 3Wire
ILLS-G1000-D-015 0-10mWG (0-394"WG) 15M
0.5 to 4.5V 3Wire


Similar Part No. - ILLS-G0500-5-007

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILLSU-Gi048-5-003 CYNERGY3-ILLSU-Gi048-5-003 Datasheet
91Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILLSU-Gi048-D-003 CYNERGY3-ILLSU-Gi048-D-003 Datasheet
91Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILLSU-Gi120-5-005 CYNERGY3-ILLSU-Gi120-5-005 Datasheet
91Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILLSU-Gi120-D-005 CYNERGY3-ILLSU-Gi120-D-005 Datasheet
91Kb / 2P
   Submersible Tank Gauging Level Transmitter
More results

Similar Description - ILLS-G0500-5-007

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
   Submersible Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
   Submersible Level Transmitter
logo
List of Unclassifed Man...
313L ETC2-313L Datasheet
92Kb / 2P
   SUBMERSIBLE LEVEL TRANSMITTER
logo
Cynergy3 Co
ILTSU CYNERGY3-ILTSU Datasheet
60Kb / 2P
   Submersible Dual Level and Temperature Transmitter
ILTS CYNERGY3-ILTS Datasheet
56Kb / 2P
   Submersible Dual Level and Temperature Transmitter
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
   Water approved Submersible Level Transmitter - Silicon Sensor
logo
Emerson Network Power
2460 EMERSON-NETWORKPOWER-2460 Datasheet
3Mb / 24P
   Rosemount??2460 System Hub for tank gauging systems
logo
Cynergy3 Co
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
   submersible level probe
logo
Sensortechnics GmbH
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com