Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1527-E1-E Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK1527-E1-E
Description  l500V - 40A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1527-E1-E Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1527-E1-E_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK1527-E1-E_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK1527-E1-E_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK1527-E1-E_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK1527-E1-E_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK1527-E1-E_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK1527-E1-E_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1527-E1-E
Preliminary
R07DS1196EJ0100 Rev.1.00
Page 3 of 6
Mar 26, 2014
Main Characteristics
1000
100
0.1
10
100
1000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
1
10
1
50
820
Drain to Source Voltage VDS (V)
Typical Output Characteristics
40
10
0
412
16
0
20
30
4.5 V
VGS = 4 V
10 V
6 V
5 V
50
4
10
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
40
10
2
06
8
–25
°C
0
20
30
VDS = 10 V
Pulse Test
25
°C
Ta = 75
°C
Drain Current ID (A)
Static Drain to Source on State
Resistance vs. Drain Current (Typical)
Tc = 25
°C
1 shot
10
μs
PW
=
100
μs
Operation in this
area is limited by
RDS(on)
Ta = 25
°C, Pulse Test
1
0.1
0.01
10
100
1000
VGS = 10 V
Ta = 25
°C
Pulse Test
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
−25
0
50
25
75
100 125 150
VGS = 10 V
Pulse Test
0.5
0.4
0.1
0
0.2
0.3
ID = 50 A
20 A
10 A
1
10
100
1000
100
10
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time (Typical)
di/dt = 100 A/
μs
VGS = 0, Ta = 25°C


Similar Part No. - 2SK1527-E1-E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1527-E1-ET2 RENESAS-2SK1527-E1-ET2 Datasheet
247Kb / 8P
   500V - 40A - MOS FET High Speed Power Switching
Feb.4.2022
More results

Similar Description - 2SK1527-E1-E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1527-E1-E RENESAS-2SK1527-E1-E Datasheet
247Kb / 8P
   500V - 40A - MOS FET High Speed Power Switching
Feb.4.2022
RJK0660DPA RENESAS-RJK0660DPA_13 Datasheet
166Kb / 7P
   60V, 40A, 5.1m max. N Channel Power MOS FET High Speed Power Switching
RJK03M3DPA RENESAS-RJK03M3DPA_15 Datasheet
190Kb / 7P
   30V, 40A, 3.9m廓max. N Channel Power MOS FET High Speed Power Switching
RJK0660DPA RENESAS-RJK0660DPA_15 Datasheet
166Kb / 7P
   60V, 40A, 5.1m廓 max. N Channel Power MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0_12 Datasheet
99Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4036DP3-A0 RENESAS-RJK4036DP3-A0 Datasheet
71Kb / 4P
   400V - 3A - MOS FET High Speed Power Switching
RJK4502DJE RENESAS-RJK4502DJE Datasheet
59Kb / 4P
   450V - 2.8A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com