Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2335DS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2335DS
Description  P-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2335DS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2335DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2335DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2335DS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2335DS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel Enhancement MOSFET
SI2335DS (KI2335DS)
Features
VDS (V) =-12V
ID =-4.0A (VGS =-4.5V)
RDS(ON) < 51mΩ (VGS =-4.5V)
RDS(ON) < 70mΩ (VGS =-2.5V)
RDS(ON) < 106mΩ (VGS =-1.8V)
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Gate
2.Source
3.Drain
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
G
S
D
2
3
1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage
VDS
Gate-Source Voltage
VGS
Continuous Drain Current
Ta = 25℃
-4.0
-3.2
Ta = 70℃
-3.3
-2.6
Pulsed Drain Current
IDM
Power Dissipation
Ta = 25℃
1.25
0.75
Ta = 70℃
0.8
0.48
Thermal Resistance.Junction- to-Ambient t≤5 sec
Steady State
Thermal Resistance.Junction- to-Foot
RthJF
Junction Temperature
TJ
Storage Temperature Range
Tstg
100
166
50
150
-55 to 150
W
RthJA
-12
±
8
ID
V
/W
A
-15
PD


Similar Part No. - SI2335DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
logo
Texas Instruments
Si2335DS TI-Si2335DS Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
Guangdong Kexin Industr...
SI2335DS-3 KEXIN-SI2335DS-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
SI2335DS-HF KEXIN-SI2335DS-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2335DS-HF-3 KEXIN-SI2335DS-HF-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Similar Description - SI2335DS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com