Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S20A Datasheet(PDF) 55 Page - Eon Silicon Solution Inc.

Part No. EN25S20A
Description  2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S20A Datasheet(HTML) 55 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
This Data Sheet may be revised by subsequent versions
©2014 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
55
EN25S20A
Rev. A, Issue Date: 2014/01/16
Table 14. DC Characteristics
(Ta = - 40°C to 85°C; VCC = 1.65-1.95V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ILI
Input Leakage Current
1
± 2
µA
ILO
Output Leakage Current
1
± 2
µA
ICC1
Standby Current
CS# = VCC, VIN = VSS or
VCC
5
35
µA
ICC2
Deep Power-down Current
CS# = VCC, VIN = VSS or
VCC
5
35
µA
CLK = 0.1 VCC / 0.9 VCC at
104MHz in Fast Read, DQ =
open
6
12
mA
CLK = 0.1 VCC / 0.9 VCC at
33MHz in Fast Read , DQ =
open
4
8
mA
CLK = 0.1 VCC / 0.9 VCC at
104MHz in Quad read, DQ =
open
9
18
mA
ICC3
Operating Current (READ)
CLK = 0.1 VCC / 0.9 VCC at
33MHz in Quad read, DQ =
open
6
12
mA
ICC4
Operating Current (PP)
CS# = VCC
20
30
mA
ICC5
Operating Current (WRSR)
CS# = VCC
4
8
mA
ICC6
Operating Current (SE)
CS# = VCC
5
15
mA
ICC7
Operating Current (BE)
CS# = VCC
5
15
mA
VIL
Input Low Voltage
– 0.5
0.8
0.2 VCC
V
VIH
Input High Voltage
0.7VCC
1
VCC+0.4
V
VOL
Output Low Voltage
IOL = 100 µA, Vcc=Vcc Min.
< 0.1
0.3
V
VOH
Output High Voltage
IOH = –100 µA , Vcc=Vcc
Min.
VCC-0.2
1.8
V
Table 15. AC Measurement Conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Voltages
0.2
VCC to 0.8VCC
V
Input Timing Reference Voltages
0.3
VCC to 0.7VCC
V
Output Timing Reference Voltages
VCC / 2
V
Figure 39. AC Measurement I/O Waveform


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn