Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S20A Datasheet(PDF) 52 Page - Eon Silicon Solution Inc.

Part No. EN25S20A
Description  2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S20A Datasheet(HTML) 52 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
This Data Sheet may be revised by subsequent versions
©2014 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
52
EN25S20A
Rev. A, Issue Date: 2014/01/16
Table 12. Parameter ID (0) (Advanced Information) 4/9
Description
Address (h)
(Byte Mode)
Address
(Bit)
Data
Comment
00
01
02
03
(1-1-2) Fast Read Number of Wait states
(dummy clocks) needed before valid
output
04
01000b
8 dummy clocks
05
06
(1-1-2) Fast Read Number of Mode Bits
3Ch
07
000b
Not Supported
(1-1-2) Fast Read Opcode
Opcode for single input opcode & address
and dual output data Fast Read.
3Dh
15 : 08
3Bh
16
17
18
19
(1-2-2) Fast Read Number of Wait states
(dummy clocks) needed before valid
output
20
00100b
4 dummy clocks
21
22
(1-2-2) Fast Read Number of Mode Bits
3Eh
23
000b
Not Supported
(1-2-2) Fast Read Opcode
Opcode for single input opcode, dual input
address, and dual output data Fast Read.
3Fh
31 : 24
BBh
Table 12. Parameter ID (0) (Advanced Information) 5/9
Description
Address (h)
(Byte Mode)
Address
(Bit)
Data
Comment
Supports (2-2-2) Fast Read
Device supports dual input opcode &
address and dual output data Fast Read.
00
0b
0 = not supported
1 = supported
01
02
Reserved. These bits default to all 1’s
03
111b
Reserved
Supports (4-4-4) Fast Read
Device supports Quad input opcode &
address and quad output data Fast Read.
04
1b
0 = not supported
1 = supported
(EQPI Mode)
05
06
Reserved. These bits default to all 1’s
40h
07
111b
Reserved
Reserved. These bits default to all 1’s
43h : 41h
31 : 08
FFh
Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn