Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S20A Datasheet(PDF) 40 Page - Eon Silicon Solution Inc.

Part No. EN25S20A
Description  2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S20A Datasheet(HTML) 40 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
This Data Sheet may be revised by subsequent versions
©2014 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
40
EN25S20A
Rev. A, Issue Date: 2014/01/16
Figure 28. 32KB Half Block Erase Instruction Sequence Diagram
64KB Block Erase (BE) (D8h)
The Block Erase (BE) instruction sets to 1 (FFh) all bits inside the chosen block. Before it can be
accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write
Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL).
The Block Erase (BE) instruction is entered by driving Chip Select (CS#) Low, followed by the in-
struction code, and three address bytes on Serial Data Input (DI). Any address inside the Block (see
Table 2) is a valid address for the Block Erase (BE) instruction. Chip Select (CS#) must be driven Low
for the entire duration of the sequence.
The instruction sequence is shown in Figure 29. Chip Select (CS#) must be driven High after the eighth
bit of the last address byte has been latched in, otherwise the Block Erase (BE) instruction is not
executed. As soon as Chip Select (CS#) is driven High, the self-timed Block Erase cycle (whose du-
ration is tBE) is initiated. While the Block Erase cycle is in progress, the Status Register may be read to
check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-
timed Block Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset.
A Block Erase (BE) instruction applied to a block which is protected by the Block Protect (BP3, BP2,
BP1, BP0) bits (see Table 3) is not executed.
The instruction sequence is shown in Figure 29.1 while using the Enable Quad Peripheral Interface
mode (EQPI) (38h) command.
Figure 29. 64KB Block Erase Instruction Sequence Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn