Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S20A Datasheet(PDF) 32 Page - Eon Silicon Solution Inc.

Part # EN25S20A
Description  2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S20A Datasheet(HTML) 32 Page - Eon Silicon Solution Inc.

Back Button EN25S20A Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25S20A Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25S20A Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25S20A Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25S20A Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25S20A Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25S20A Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25S20A Datasheet HTML 35Page - Eon Silicon Solution Inc. EN25S20A Datasheet HTML 36Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
This Data Sheet may be revised by subsequent versions
©2014 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
32
EN25S20A
Rev. A, Issue Date: 2014/01/16
Figure 20.1 Read Burst Instruction Sequence Diagram in QPI mode
Page Program (PP) (02h)
The Page Program (PP) instruction allows bytes to be programmed in the memory. Before it can be
accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write
Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL).
The Page Program (PP) instruction is entered by driving Chip Select (CS#) Low, followed by the in-
struction code, three address bytes and at least one data byte on Serial Data Input (DI). If the 8 least
significant address bits (A7-A0) are not all zero, all transmitted data that goes beyond the end of the
current page are programmed from the start address of the same page (from the address whose 8
least significant bits (A7-A0) are all zero). Chip Select (CS#) must be driven Low for the entire duration
of the sequence.
The instruction sequence is shown in Figure 21. If more than 256 bytes are sent to the device, pre-
viously latched data are discarded and the last 256 data bytes are guaranteed to be programmed cor-
rectly within the same page. If less than 256 Data bytes are sent to device, they are correctly pro-
grammed at the requested addresses without having any effects on the other bytes of the same page.
Chip Select (CS#) must be driven High after the eighth bit of the last data byte has been latched in,
otherwise the Page Program (PP) instruction is not executed.
As soon as Chip Select (CS#) is driven high, the self-timed Page Program cycle (whose duration is tPP)
is initiated. While the Page Program cycle is in progress, the Status Register may be read to check the
value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Page
Program cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed,
the Write Enable Latch (WEL) bit is reset.
A Page Program (PP) instruction applied to a page which is protected by the Block Protect (BP3, BP2,
BP1, BP0) bits (see Table 3) is not executed.
The instruction sequence is shown in Figure 21.1 while using the Enable Quad Peripheral Interface mode
(EQPI) (38h) command.


Similar Part No. - EN25S20A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20-75GIP EON-EN25S20-75GIP Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20-75WIP EON-EN25S20-75WIP Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20-75XIP EON-EN25S20-75XIP Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S20A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40 Datasheet
594Kb / 37P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S32 EON-EN25S32 Datasheet
1Mb / 59P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com