Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S20A Datasheet(PDF) 26 Page - Eon Silicon Solution Inc.

Part No. EN25S20A
Description  2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S20A Datasheet(HTML) 26 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
This Data Sheet may be revised by subsequent versions
©2014 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
26
EN25S20A
Rev. A, Issue Date: 2014/01/16
Quad Input / Output FAST_READ (EBh)
The Quad Input/Output FAST_READ (EBh) instruction is similar to the Dual I/O Fast Read (BBh)
instruction except that address and data bits are input and output through four pins, DQ0, DQ1, DQ2 and
DQ3 and six dummy clocks are required prior to the data output. The Quad I/O dramatically reduces
instruction overhead allowing faster random access for code execution (XIP) directly from the Quad SPI.
The Quad Input/Output FAST_READ (EBh) instruction enable quad throughput of Serial Flash in read
mode. The address is latching on rising edge of CLK, and data of every four bits (interleave on 4 I/O
pins) shift out on the falling edge of CLK at a maximum frequency FR. The first address can be any
location. The address is automatically increased to the next higher address after each byte data is
shifted out, so the whole memory can be read out at a single Quad Input/Output FAST_READ
instruction. The address counter rolls over to 0 when the highest address has been reached. Once
writing Quad Input/Output FAST_READ instruction, the following address/dummy/data out will perform
as 4-bit instead of previous 1-bit.
The sequence of issuing Quad Input/Output FAST_READ (EBh) instruction is: CS# goes low ->
sending Quad Input/Output FAST_READ (EBh) instruction -> 24-bit address interleave on DQ3, DQ2,
DQ1 and DQ0 -> 6 dummy clocks -> data out interleave on DQ3, DQ2, DQ1 and DQ0 -> to end Quad
Input/Output FAST_READ (EBh) operation can use CS# to high at any time during data out, as shown
in Figure 17.
The instruction sequence is shown in Figure 17.1 while using the Enable Quad Peripheral Interface mode
(EQPI) (38h) command.
Figure 17. Quad Input / Output Fast Read Instruction Sequence Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn