Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU9220 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFU9220
Description  3.6A, 200V, 1.500 Ohm, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFU9220 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFU9220 Datasheet HTML 1Page - Intersil Corporation IRFU9220 Datasheet HTML 2Page - Intersil Corporation IRFU9220 Datasheet HTML 3Page - Intersil Corporation IRFU9220 Datasheet HTML 4Page - Intersil Corporation IRFU9220 Datasheet HTML 5Page - Intersil Corporation IRFU9220 Datasheet HTML 6Page - Intersil Corporation IRFU9220 Datasheet HTML 7Page - Intersil Corporation IRFU9220 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-89
File Number
4015.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFR9220, IRFU9220
3.6A, 200V, 1.500 Ohm, P-Channel Power
MOSFETs
These are advanced power MOSFETs designed, tested, and
guaranteed to withstand a specific level of energy in the
avalanche breakdown mode of operation. These are
P-Channel enhancement-mode silicon gate power field-
effect transistors designed for applications such as switching
regulators, switching converters, motor drivers, relay drivers,
and drivers for high-power bipolar switching transistors
requiring high speed and low gate-drive power. These types
can be operated directly from integrated circuits.
Formerly developmental type TA17502.
Features
• 3.6A, 200V
•rDS(ON) = 1.500Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFR9220
TO-252AA
IF9220
IRFU9220
TO-251AA
IF9220
NOTE:
When ordering use the entire part number. Add the suffix 9A
to obtain the TO-252AA variant in tape and reel, e.g., IRFR92209A.
G
D
S
JEDEC TO-251AA
JEDEC TO-252AA
GATE
SOURCE
DRAIN
DRAIN (FLANGE)
DRAIN (FLANGE)
GATE
SOURCE
Data Sheet
July 1999


Similar Part No. - IRFU9220

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU9220 IRF-IRFU9220 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
logo
Vishay Siliconix
IRFU9220 VISHAY-IRFU9220 Datasheet
1Mb / 8P
   Power MOSFET
S-81411-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFU9220 KERSEMI-IRFU9220 Datasheet
4Mb / 7P
   Power MOSFET
IRFU9220 KERSEMI-IRFU9220 Datasheet
4Mb / 7P
   Power MOSFET
IRFU9220 KERSEMI-IRFU9220 Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
More results

Similar Description - IRFU9220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD9220 INTERSIL-IRFD9220 Datasheet
53Kb / 6P
   0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET
IRF9620 INTERSIL-IRF9620 Datasheet
58Kb / 7P
   3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET
logo
Fairchild Semiconductor
2N6784 FAIRCHILD-2N6784 Datasheet
90Kb / 7P
   2.25A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
   0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
   2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
   6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
   11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
IRFF9220 INTERSIL-IRFF9220 Datasheet
327Kb / 7P
   -2.5A, -200V, 1.5 Ohm, P-Channel Power MOSFETs
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com