Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBM2016T2R2JV Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBM2016T2R2JV
Description  Signal Lines Wire-wound Chip Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBM2016T2R2JV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LBM2016T2R2JV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS (High Reliability Application)
Signal Lines Wire-wound Chip Inductors for Automotive / Industrial Applications (LB series M type)
LBM2016T2R2JV
Features
Item Summary
2.2μH(±5%), 340mA, 0806
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
0806/2016
Inductance
2.2μH(±5%)
Inductance Measuring Frequency
7.96MHz
Rated Current
340mA
DC Resistance (max)
0.702Ω
Avg. of DC.Resistance
0.54Ω
Self-resonant Frequency (min)
75MHz
Q (min)
30min
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2mm ±0.2
W
1.6mm ±0.2
H
1.6mm ±0.2
e
0.5mm ±0.2
2015.04.02
1 / 1


Similar Part No. - LBM2016T2R2JV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016T2R2JV TAIYO-YUDEN-LBM2016T2R2JV Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T2R2JV TAIYO-YUDEN-LBM2016T2R2JV_V01 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
More results

Similar Description - LBM2016T2R2JV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016T120JV TAIYO-YUDEN-LBM2016T120JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016T220JV TAIYO-YUDEN-LBM2016T220JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016T1R5JV TAIYO-YUDEN-LBM2016T1R5JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016T6R8JV TAIYO-YUDEN-LBM2016T6R8JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016T330JV TAIYO-YUDEN-LBM2016T330JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016T390JV TAIYO-YUDEN-LBM2016T390JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016TR18JV TAIYO-YUDEN-LBM2016TR18JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016TR33JV TAIYO-YUDEN-LBM2016TR33JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016TR56JV TAIYO-YUDEN-LBM2016TR56JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016T1R2JV TAIYO-YUDEN-LBM2016T1R2JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016TR82JV TAIYO-YUDEN-LBM2016TR82JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com