Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFF9220 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFF9220
Description  -2.5A, -200V, 1.5 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF9220 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFF9220 Datasheet HTML 1Page - Intersil Corporation IRFF9220 Datasheet HTML 2Page - Intersil Corporation IRFF9220 Datasheet HTML 3Page - Intersil Corporation IRFF9220 Datasheet HTML 4Page - Intersil Corporation IRFF9220 Datasheet HTML 5Page - Intersil Corporation IRFF9220 Datasheet HTML 6Page - Intersil Corporation IRFF9220 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-107
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFF9220
-2.5A, -200V, 1.5 Ohm, P-Channel Power
MOSFETs
These are advanced power MOSFETs designed, tested, and
guaranteed to withstand a specified level of energy in the
breakdown avalanche mode of operation. They are P-Channel
enhancement mode silicon gate power field effect transistors
designed for applications such as switching regulators,
switching converters, motor drivers, relay drivers and drivers for
high power bipolar switching transistors requiring high speed
and low gate drive power. These types can be operated directly
from integrated circuits.
Formerly develpomental type TA17502.
Features
• -2.5A, -200V
•rDS(ON) = 1.5Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
Symbol
Packaging
JEDEC TO-205AF
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFF9220
TO-205AF
IRFF9220
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
DRAIN
(CASE)
GATE
Data Sheet
July 1998
File Number
2288.2


Similar Part No. - IRFF9220

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF9220 IRF-IRFF9220 Datasheet
130Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFF9220 IRF-IRFF9220 Datasheet
130Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF9220 SEME-LAB-IRFF9220 Datasheet
16Kb / 1P
   P-Channel MOSFET in a Hermetically sealed TO39
More results

Similar Description - IRFF9220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
   6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
   11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
IRFR9220 INTERSIL-IRFR9220 Datasheet
99Kb / 8P
   3.6A, 200V, 1.500 Ohm, P-Channel Power MOSFETs
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9240D INTERSIL-FRS9240D Datasheet
48Kb / 6P
   7A, -200V, 0.735 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9230D INTERSIL-FRM9230D Datasheet
57Kb / 6P
   4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRF9250D INTERSIL-FRF9250D Datasheet
48Kb / 6P
   14A, -200V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9260D INTERSIL-FRK9260D Datasheet
47Kb / 6P
   26A, -200V, 0.200 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRE9260D INTERSIL-FRE9260D Datasheet
47Kb / 6P
   19A, -200V, 0.210 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
   16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com