Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2303BDS-3 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2303BDS-3
Description  P-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2303BDS-3 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2303BDS-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2303BDS-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2303BDS-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2303BDS-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2303BDS-3 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
P-Channel Enhancement MOSFET
SI2303BDS (KI2303BDS)
Typical Characterisitics
-0.6
-0.3
0.0
0.3
0.6
0.9
-50
-25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
TJ = 150 C
e
g
a
tl
o
V
e
c
r
u
o
S
-
o
t-
e
t
a
G
.
s
v
e
c
n
a
t
s
i
s
e
R
-
n
O
e
g
a
tl
o
V
d
r
a
w
r
o
F
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
r
e
w
o
P
e
s
l
u
P
e
l
g
n
i
S
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
Square Wave Pulse Duration (sec)
VSD
V
)
V
(
e
g
a
tl
o
V
n
i
a
r
D
-
o
t-
e
c
r
u
o
S
-
GS - Gate-to-Source Voltage (V)
TJ - Temperature (
)
c
e
s
(
e
m
i
T
)
C
ID = 1.7 A
ID = 250 A
10
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 C
1
TA = 25 C
Safe Operating Area, Junction-to-Case
VDS - Drain-to-Source Voltage (V)
100.0
1.0
0.1
1
10
100
0.01
10.0
0.1
Limited
by rDS(on)
TA = 25 C
Single Pulse
10 ms
100 ms
10 s
100 s
1 ms
dc, 100 s, 10 s, 1 s
10
8
6
4
2
0
0.01
0.1
1
10
100
1000


Similar Part No. - SI2303BDS-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2303BDS-HF KEXIN-SI2303BDS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2303BDS-HF-3 KEXIN-SI2303BDS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2303BDS-T1 VISHAY-SI2303BDS-T1 Datasheet
215Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 24-Mar-08
SI2303BDS-T1-E3 VISHAY-SI2303BDS-T1-E3 Datasheet
215Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
VBsemi Electronics Co.,...
SI2303BDS-T1-GE3 VBSEMI-SI2303BDS-T1-GE3 Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SI2303BDS-3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com