Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFD9220 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFD9220
Description  0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD9220 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFD9220 Datasheet HTML 1Page - Intersil Corporation IRFD9220 Datasheet HTML 2Page - Intersil Corporation IRFD9220 Datasheet HTML 3Page - Intersil Corporation IRFD9220 Datasheet HTML 4Page - Intersil Corporation IRFD9220 Datasheet HTML 5Page - Intersil Corporation IRFD9220 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-53
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET Symbol
Showing the Integral Re-
verse P-N Junction Diode
-
-
-0.6
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
-4.8
A
Source to Drain Diode Voltage (Note 2)
VSD
TC = 25
oC, I
SD = -0.6A, VGS = 0V (Figure 12)
-
-
-1.5
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = -0.6A, dISD/dt = 100A/µs
-
150
-
ns
Reverse Recovery Charge
QRR
TJ = 150
oC, I
SD = -0.6A, dISD/dt = 100A/µs
-
0.5
-
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.
4. VDD = 25V, starting TJ = 25
oC, L = 1210mH, R
G = 25Ω, Peak IAS = 0.6A (Figures 14, 15).
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. OUTPUT CHARACTERISTICS
G
D
S
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
-0.2
0
25
50
75
TA, AMBIENT TEMPERATURE (
oC)
-0.6
100
-0.4
125
150
-0.2
-1.0
-10
-100
-500
-10
-1.0
-0.1
-0.01
-0.002
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
µs
100
µs
1ms
10ms
100ms
DC
SINGLE PULSE
TC = 25
oC
OPERATION IN THIS AREA
IS LIMITED BY rDS(ON)
TJ = MAX RATED
0
-10
-20
-30
-40
-1
-2
-3
-4
-5
-50
-9V
VGS = -7V
VGS = -6V
VGS = -5V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4V
0
VGS = -8V
-10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
IRFD9220


Similar Part No. - IRFD9220

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD9220 IRF-IRFD9220 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-0.56A)
logo
Vishay Siliconix
IRFD9220 VISHAY-IRFD9220 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 13-Jun-08
logo
International Rectifier
IRFD9220PBF IRF-IRFD9220PBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFD9220PBF VISHAY-IRFD9220PBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 13-Jun-08
More results

Similar Description - IRFD9220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
   0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRF9620 INTERSIL-IRF9620 Datasheet
58Kb / 7P
   3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET
IRFR9220 INTERSIL-IRFR9220 Datasheet
99Kb / 8P
   3.6A, 200V, 1.500 Ohm, P-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6784 FAIRCHILD-2N6784 Datasheet
90Kb / 7P
   2.25A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
   2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFP9240 INTERSIL-IRFP9240 Datasheet
56Kb / 7P
   12A, 200V, 0.500 Ohm, P-Channel Power MOSFET
IRFF9230 INTERSIL-IRFF9230 Datasheet
328Kb / 7P
   -4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com