Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5SMDJ16A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 5SMDJ16A
Description  5000W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5SMDJ16A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  5SMDJ16A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 5SMDJ16A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 5SMDJ16A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 5SMDJ16A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5SMDJ Series
11V ~ 190V
5000W Peak Power Surface Mount TVS
Elektronische Bauelemente
23-Mar-2012 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and lead-free
FEATURES
Glass passivated chip
5000W peak pulse power capability with a 10/1000µ
Low leakage
Uni and Bidirectional unit
Very fast response time
Excellent clamping capability
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Lead free Plating (Tin Finish) Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Mounting position: Any
Weight: 0.21 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Ratings
Symbol
Value
Units
Peak Power Dissipation @ TA=25°C, T P=1ms
PPK
5000 (Min.)
W
Peak Forward Surge Current @ 8.3ms single Half Sine-Wave
superimposed on rated load (JEDEC method)
1
IFSM
300
A
Maximum Instantaneous Forward voltage @ 35A
for unidirectional only
2
VF
3.5
V
Operating and Storage Temperature Range
TJ, TSTG
-55~150
°C
Notes:
1.
Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
2.
VF<3.5V for devices of VBR<200V
SMC
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.75
3.15
E
-
.203
B
6.6
7.11
F
7.75
8.13
C
5.59
6.22
G
0.76
1.27
D
2.00
2.62
H
0.15
0.31


Similar Part No. - 5SMDJ16A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5SMDJ16A SECOS-5SMDJ16A Datasheet
195Kb / 4P
   11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
More results

Similar Description - 5SMDJ16A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
5SMDJ SECOS-5SMDJ Datasheet
195Kb / 4P
   11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
   5000W Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com