Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFD320 Datasheet(PDF) 6 Page - Intersil Corporation

Part # IRFD320
Description  0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD320 Datasheet(HTML) 6 Page - Intersil Corporation

  IRFD320 Datasheet HTML 1Page - Intersil Corporation IRFD320 Datasheet HTML 2Page - Intersil Corporation IRFD320 Datasheet HTML 3Page - Intersil Corporation IRFD320 Datasheet HTML 4Page - Intersil Corporation IRFD320 Datasheet HTML 5Page - Intersil Corporation IRFD320 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-304
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
FIGURE 18. GATE CHARGE TEST CIRCUIT
FIGURE 19. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
0.3
µF
12V
BATTERY
50k
VDS
S
DUT
D
G
IG(REF)
0
(ISOLATED
VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
SAME TYPE
AS DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
IG(REF)
0
IRFD320


Similar Part No. - IRFD320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
logo
Vishay Siliconix
IRFD320 VISHAY-IRFD320 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
IRFD320 VISHAY-IRFD320 Datasheet
415Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFD320PBF IRF-IRFD320PBF Datasheet
937Kb / 8P
   HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=1.8廓 , ID=0.49A )
logo
Vishay Siliconix
IRFD320PBF VISHAY-IRFD320PBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
More results

Similar Description - IRFD320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
   2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
   3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
   3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
   3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
   2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
   11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
   4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com