Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX21A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RX21A
Description  Renesas MCUs
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX21A Datasheet(HTML) 4 Page - Renesas Technology Corp

  RX21A_15 Datasheet HTML 1Page - Renesas Technology Corp RX21A_15 Datasheet HTML 2Page - Renesas Technology Corp RX21A_15 Datasheet HTML 3Page - Renesas Technology Corp RX21A_15 Datasheet HTML 4Page - Renesas Technology Corp RX21A_15 Datasheet HTML 5Page - Renesas Technology Corp RX21A_15 Datasheet HTML 6Page - Renesas Technology Corp RX21A_15 Datasheet HTML 7Page - Renesas Technology Corp RX21A_15 Datasheet HTML 8Page - Renesas Technology Corp RX21A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 132 page
background image
R01DS0129EJ0110 Rev.1.10
Page 4 of 132
Aug 28, 2014
RX21A Group
1. Overview
Communication
function
Serial communications
interfaces (SCIc)
 5 channels (channel 1, 5, 6, 8, 9) (including one channel for IrDA)
 Serial communications modes:
Asynchronous, clock synchronous, and smart-card interface
 On-chip baud rate generator allows selection of the desired bit rate
 Choice of LSB-first or MSB-first transfer
 Average transfer rate clock can be input from TMR timers (SCI5 and SCI6)
 Simple IIC
 Simple SPI
IrDA interface (IRDA)
 1 channel (SCI5 is used)
 Supports encoding/decoding the waveforms conforming to the IrDA specification version 1.0
I2C bus interface (RIIC)
 2 channels
 Communications formats:
I2C bus format/SMBus format
 Master/slave selectable
 Supports the fast mode
Serial peripheral
interface (RSPI)
 2 channels
 Transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select), and RSPI
clock (RSPCK) signals enables serial transfer through SPI operation (four lines) or clock-
synchronous operation (three lines)
 Capable of handling serial transfer as a master or slave
 Data formats
 Choice of LSB-first or MSB-first transfer
The number of bits in each transfer can be changed to any number of bits from 8 to 16, 20, 24, or 32
bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with each frame
having up to 32 bits)
 Double buffers for both transmission and reception
24-bit ∆Σ A/D converter (DSAD)
 7 channels: 4-channel differential input for current; 3-channel single-ended input for voltage
 x 1 to x 64 PGA for differential input side for current and x 1 to x 4 PGA for single-ended input side for
voltage
 Minimum conversion time: 81.92 μs (A/D conversion clock: 25 MHz)
10-bit A/D converter (AD)
 10 bits (7 channels x 1 unit)
 10-bit resolution
 Conversion time: 2.0 μs per channel (A/D conversion clock: 25 MHz)
 Operating modes
Scan mode (single scan mode and continuous scan mode)
 Sample-and-hold function
 Self-diagnosis for the A/D converter
 Assistance in detecting disconnected analog inputs
 A/D conversion start conditions
Conversion can be started by software, a conversion start trigger from a timer (MTU), an external
trigger signal, a temperature sensor or ELC.
Temperature sensor (TEMPSa)
 Outputs the voltage that changes depending on the temperature
 PGA gain switchable: Three levels according to the voltage range
D/A converter (DA)
 2 channels
 10-bit resolution
 Output voltage: 0 V to VREFH
CRC calculator (CRC)
 CRC code generation for arbitrary amounts of data in 8-bit units
 Select any of three generating polynomials:
X8 + X2 + X + 1, X16 + X15 + X2 + 1, or X16 + X12 + X5 + 1
 Generation of CRC codes for use with LSB-first or MSB-first communications is selectable.
Data encryption unit (DEU)*1
 Encryption and decryption of AES
 128-, 192-, or 256-bit key length
 ECB or CBC mode
Comparator A (CMPA)
 2 channels
 Comparison of reference voltage and analog input voltage
Comparator B (CMPB)
 2 channels
 Comparison of reference voltage and analog input voltage
Data operating circuit (DOC)
Comparison, addition, and subtraction of 16-bit data
Power supply voltage/ Operating frequency
VCC = 1.8 to 3.6 V: 25 MHz, VCC = 2.7 to 3.6 V: 50 MHz
Supply current
8.6mA@50MHz (typ)
Operating temperature
D version: –40 to +85°C, G version: –40 to +105°C*2, *3
Table 1.1
Outline of Specifications (3 / 4)
Classification
Module/Function
Description


Similar Part No. - RX21A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX21A RENESAS-RX21A Datasheet
1Mb / 132P
   50-MHz 32-bit RX MCUs, 78 DMIPS, 24-bit ΔΣ A/D Converter up to 512-KB flash memory, IrDA, 10-bit A/D, 10-bit D/A, DEU, ELC, MPC, RTC; up to 9 comms interfaces
Aug 28, 2014
More results

Similar Description - RX21A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com