Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1005 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD1005
Description  NPN Plastic Encapsulated Elektronische Bauelemente Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1005 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1005_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SD1005
1A , 100V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
10-Nov-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Flat Package
High Breakdown Voltage
Excellent DC Current Gain Linearity
CLASSIFICATION OF hFE(1)
Product-Rank
2SD1005-W
2SD1005-V
2SD1005-U
Range
90~180
135~270
200~400
Marking
BW
BV
BU
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Collector Current-Continuous
IC
1
A
Collector Power Dissipation
PC
500
mW
Maximum Junction to Ambient
RθJA
250
°C / W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-Base Breakdown Voltage
V(BR)CBO
100
-
-
V
IC=0.1mA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
80
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=0.1mA, IC=0
Collector Cut-Off Current
ICBO
-
-
-
0.1
µA
VCB=100V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=5V, IC=0
DC Current Gain
hFE*
90
-
400
VCE=2V, IC=100mA
25
-
-
VCE=2V, IC=500mA
Collector-Emitter Saturation voltage
VCE(sat)*
-
-
0.5
V
IC=500mA, IB=50mA
Base-emitter saturation voltage
VBE(sat)*
-
-
1.5
V
IC=500mA, IB=50mA
Base-emitter voltage
VBE*
0.6
-
0.7
V
VCE=10V,IC=10mA
Transition Frequency
fT
-
160
-
MHz
VCE=5V,IC=10mA
Collector Output Capacitance
COB
-
12
-
pF
VCB=10V, IE=0, f=1MHz
*Pulse test
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
B C
E
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.25
2.60
K
0.32
0.52
E
1.50
1.85
L
0.35
0.44
F
0.89
1.20


Similar Part No. - 2SD1005_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1005 KEXIN-2SD1005_15 Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SD1005_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
3DD13003B SECOS-3DD13003B Datasheet
523Kb / 2P
   NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
KTC1027 SECOS-KTC1027_15 Datasheet
57Kb / 1P
   NPN Plastic Encapsulated Elektronische Bauelemente Transistor
2SD1271A SECOS-2SD1271A_15 Datasheet
595Kb / 2P
   NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
2SC2383 SECOS-2SC2383_15 Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Elektronische Bauelemente Transistor
BCPA1666 SECOS-BCPA1666_15 Datasheet
78Kb / 1P
   PNP Plastic Encapsulated Elektronische Bauelemente Transistor
MPSA55 SECOS-MPSA55_15 Datasheet
66Kb / 1P
   PNP Plastic Encapsulated Elektronische Bauelemente Transistor
BC212 SECOS-BC212_15 Datasheet
72Kb / 1P
   PNP Plastic Encapsulated Elektronische Bauelemente Transistor
M28ST SECOS-M28ST Datasheet
59Kb / 1P
   1A , 40V NPN Plastic Encapsulated Elektronische Bauelemente Transistor
SCS221T SECOS-SCS221T_15 Datasheet
153Kb / 2P
   Plastic-Encapsulated Elektronische Bauelemente Switching Diode
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
   Elektronische Bauelemente
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com