Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNA52A10T Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RNA52A10T
Description  Dual CMOS system?밨ESET IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA52A10T Datasheet(HTML) 5 Page - Renesas Technology Corp

  RNA52A10T_15 Datasheet HTML 1Page - Renesas Technology Corp RNA52A10T_15 Datasheet HTML 2Page - Renesas Technology Corp RNA52A10T_15 Datasheet HTML 3Page - Renesas Technology Corp RNA52A10T_15 Datasheet HTML 4Page - Renesas Technology Corp RNA52A10T_15 Datasheet HTML 5Page - Renesas Technology Corp RNA52A10T_15 Datasheet HTML 6Page - Renesas Technology Corp RNA52A10T_15 Datasheet HTML 7Page - Renesas Technology Corp RNA52A10T_15 Datasheet HTML 8Page - Renesas Technology Corp RNA52A10T_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RNA52A10T
R03DS0078EJ0200 Rev.2.00
Page 5 of 11
Dec 19, 2015
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Test
Circuit
Supply voltage
VDD
1.4
5.5
V
Current consumption
IDD
1.1
19
μA
VDD = 5.5 V
Vi1 = V i2 = 5.5 V
1
Reference voltage
VREF
0.95
1.00
1.05
V
VDD = 3.3 V
2
Reference voltage temperature
coefficient
(Reference value for design)
ΔVREF
VREF
⋅ΔTa
±100
ppm
°C
Ta = –40 to 85°C
2
Vi1, Vi2 input
hysteresis voltage
VHYS
28.5
(VREF
×3%)
60
(VREF
×6%)
94.5
(VREF
×9%)
mV
VDD = 3.3 V
2
Vi1, Vi2 input current
IIN
0.6
2.2
μA
VDD = 5.5 V
Vi1 = V i2 = 5.5 V
3
CD input threshold voltage
VDLY
VDD
×0.43
VDD
×0.63
VDD
×0.83
V
VDD = 3.3 V
Vi1 = V i2 = 1.2 V
4
Vo1, Vo2
low-level output voltage
VOL
0.05
0.15
V
VDD = 1.4V
Vi1 = V i2 = 0 V
IOL = 0.5 mA
5
0.15
0.35
V
VDD = 3.3V
Vi1 = V i2 = 0 V
IOL = 5 mA
6
Vo1, Vo2
output leakage current
ILK
100
nA
VDD = VO1 = VO2 = 5.5 V
Vi1 = V i2 = 1.2 V
7
Vo2
Delay time
Note1
Incomplete
discharge of
capacity CD
TDLY
1.1
11
17
ms
VDD = 3.3 V
Vi2 = 0 V
→1.2 V
CD = 0.3
μF, RD = 39 kΩ
8
complete
discharge of
capacity CD
TDLY0
7
11
17
ms
8
Vo1
Rise response time
TPLH
30
300
μs
VDD = 3.3 V
Vi1 = 0 V
→1.2 V
9
Vo1, Vo2
fall response time
TPHL
30
800
μs
VDD = 3.3 V
Vi1 = Vi2 = 1.2 V
→0 V
CD = 0.3
μF, RD = 39 kΩ
10
MR low-level input voltage
VIL
VDD
×0.2
V
VDD = 3.3 V
Vi1 = V i2 = 1.2 V
11
MR high-level
input voltage
VDD < 4.5V
VIH
VDD
×0.75
V
VDD = 3.3 V
Vi1 = V i2 = 1.2 V
11
VDD
≥ 4.5V
VDD
×0.5
V
VDD = 5.0 V
Vi1 = V i2 = 1.2 V
12
MR input
pull-down resistance
RMR
0.5
2
M
Ω
VDD = 5.5 V
VMR = 5.5 V
13
Notes: 1. When capacitor CD is completely discharged and charging starts in the state that CD pin voltage is 0 V, the
minimum value of delay time TDLY0 is 7 ms. However, when the discharging time is short and charging starts
in the state that the voltage does not completely fall to 0 V, the minimum value of delay time TDLY is 1.1 ms.
Then, the minimum value of Low time (reset time) of
Vo2 is 1.1 ms as the delay time T
DLY. Refer to
Regulations for state of capacitor CD electrical discharge and delay time on page 10 for details.
2. Refer to the characteristic curves on page 6 for temperature dependence of the main characteristics.
3. Refer to pages 8 and 9 for the test circuits.


Similar Part No. - RNA52A10T_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA52A10T RENESAS-RNA52A10T Datasheet
575Kb / 12P
   Dual CMOS system–RESET IC
Dec 19, 2015
More results

Similar Description - RNA52A10T_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA52A10MM RENESAS-RNA52A10MM_15 Datasheet
251Kb / 12P
   Dual CMOS system?밨ESET IC
RNA51XX RENESAS-RNA51XX_15 Datasheet
200Kb / 12P
   CMOS system?밨ESET IC
RNA52A10T RENESAS-RNA52A10T Datasheet
575Kb / 12P
   Dual CMOS system–RESET IC
Dec 19, 2015
RNA52A10MM RENESAS-RNA52A10MM Datasheet
159Kb / 11P
   Dual CMOS system-RESET IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com