Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2843 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2843
Description  10.709 Gbps Laser Diode Driver Chipset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2843 Datasheet(HTML) 1 Page - Analog Devices

  ADN2843_15 Datasheet HTML 1Page - Analog Devices ADN2843_15 Datasheet HTML 2Page - Analog Devices ADN2843_15 Datasheet HTML 3Page - Analog Devices ADN2843_15 Datasheet HTML 4Page - Analog Devices ADN2843_15 Datasheet HTML 5Page - Analog Devices ADN2843_15 Datasheet HTML 6Page - Analog Devices ADN2843_15 Datasheet HTML 7Page - Analog Devices ADN2843_15 Datasheet HTML 8Page - Analog Devices ADN2843_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ADN2843
10.709 Gbps Laser Diode
Driver Chipset
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAM
MPD
VCC
IMPD
IMPD2
GND
MODE
ALS
ERSET
PSET
IDTONE
ADN2844
GND
GND
GND
ERCAP
PAVCAP
GND
CONTROL
IBIAS_CTRL
D_IMOD
IMOD_CTRL
VCC
VCC
DATAP
DATAN
VCC
VCC
ADN2843
ADN2845
IMODN
GND
IBIAS
ALS
*ADN2850 OR ADN2860 OPTICAL SUPERVISOR
LD
GND
IMODP
ASET
*
*
FEATURES
Data Rates from 9.952 Gbps to 10.709 Gbps
Typical Rise/Fall Time 25 ps/23 ps
Bias Current Range 3 mA to 80 mA
Modulation Current Range 5 mA to 80 mA
Monitor Photodiode Current 50
A to 1200
A
Closed-Loop Control of Both Average Optical Power
and Extinction Ratio
Laser Fail and Laser Degrade Alarms
Automatic Laser Shutdown, ALS
Dual MPD Functionality for Wavelength Control
CML Data Inputs
50
Internal Data Terminations
3.3 V Single-Supply Operation
Driver Supplied in Dice Format
APPLICATIONS
SONET OC-192, SDH STM-64
Supports 10.667 Gbps and 10.709 Gbps FEC Rates
10 Gb Ethernet IEEE802.3ae
GENERAL DESCRIPTION
The ADN2943 chipset consists of two components, the ADN2845
and the ADN2844. The ADN2845 is a 10.709 Gbps laser diode
driver. The ADN2845 eliminates the need to ac couple since it
can deliver 80 mA of modulation while dc coupled to the laser
diode. It is intended to be copackaged with the laser to minimize
bond lengths, which improves performance of the optical
transmitter. For transmission line applications, contact HSN
Application Group at fiberoptic.ic@analog.com.
The ADN2844 offers a unique control loop algorithm and pro-
vides dual loop control of both average power and extinction ratio.
Programmable alarms are provided for laser fail (end of life) and
laser degrade (impending fail).
Both the ADN2844 and the ADN2845 are available as bare die.
The ADN2844 is also available in 5 mm
¥ 5 mm 32-lead LFCSP.
a


Similar Part No. - ADN2843_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2843CHIPSET AD-ADN2843CHIPSET Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2843CHIPSET-B AD-ADN2843CHIPSET-B Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
More results

Similar Description - ADN2843_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2843 AD-ADN2843 Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
logo
M/A-COM Technology Solu...
02066-BRF-001-A MA-COM-02066-BRF-001-A Datasheet
105Kb / 2P
   3 Gbps Laser Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
List of Unclassifed Man...
CX60077 ETC-CX60077 Datasheet
154Kb / 14P
   2.5 Gbps Long Haul Laser Driver
Rev. 2d, 10/26/00.
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com