Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2819 Datasheet(PDF) 21 Page - Analog Devices

Part No. ADN2819
Description  Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADN2819 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADN2819_15 Datasheet HTML 16Page - Analog Devices ADN2819_15 Datasheet HTML 17Page - Analog Devices ADN2819_15 Datasheet HTML 18Page - Analog Devices ADN2819_15 Datasheet HTML 19Page - Analog Devices ADN2819_15 Datasheet HTML 20Page - Analog Devices ADN2819_15 Datasheet HTML 21Page - Analog Devices ADN2819_15 Datasheet HTML 22Page - Analog Devices ADN2819_15 Datasheet HTML 23Page - Analog Devices ADN2819_15 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADN2819
Rev. B | Page 21 of 24
OUTLINE DIMENSIONS
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
1
48
12
13
37
36
24
25
5.25
5.10 SQ
4.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12° MAX
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
5.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
SEATING
PLANE
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
Figure 29. 48-Lead Lead Frame Chip Scale Package [LFCSP]
7 mm × 7 mm Body
(CP-48)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADN2819ACP-CML
–40°C to +85°C
48-Lead LFCSP
CP-48
ADN2819ACP-CML-RL
–40°C to +85°C
48-Lead LFCSP
CP-48
ADN2819ACPZ-CML1
–40°C to +85°C
48-Lead LFCSP
CP-48
ADN2819ACPZ-CML-RL1
–40°C to +85°C
48-Lead LFCSP
CP-48
EVAL-ADN2819-CML
Evaluation Board
1 Z = Pb Free.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn