Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2819 Datasheet(PDF) 18 Page - Analog Devices

Part No. ADN2819
Description  Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADN2819 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADN2819_15 Datasheet HTML 14Page - Analog Devices ADN2819_15 Datasheet HTML 15Page - Analog Devices ADN2819_15 Datasheet HTML 16Page - Analog Devices ADN2819_15 Datasheet HTML 17Page - Analog Devices ADN2819_15 Datasheet HTML 18Page - Analog Devices ADN2819_15 Datasheet HTML 19Page - Analog Devices ADN2819_15 Datasheet HTML 20Page - Analog Devices ADN2819_15 Datasheet HTML 21Page - Analog Devices ADN2819_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADN2819
Rev. B | Page 18 of 24
ADN2819
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
36
35
34
33
32
31
30
29
28
27
26
25
48 47 46 45 44 43 42 41 40 39 38 37
1nF
0.1
µF
1nF
0.1
µF
THRADJ
VCC
VEE
VREF
PIN
NIN
SLICEP
SLICEN
VEE
LOL
XO1
XO2
VCC
CIN
50
RTH
1nF
0.1
µF
0.1
µF
50
TIA
VCC
19.44MHz
µC
4.7
µF
(SEE TABLE 8 FOR SPECS)
1nF
0.1
µF
VCC
VCC
VCC
VEE
VEE
SEL0
SEL1
SEL2
VEE
VCC
VEE
VCC
CF2
µC
VCC
µC
1nF
0.1
µF
10
µF
VCC
50
TRANSMISSION
LINES
CLKOUTP
CLKOUTN
DATAOUTP
DATAOUTN
VCC
4
× 100Ω
EXPOSED PAD
TIED OFF TO
VCC PLANE
WITH VIAS
1nF
0.1
µF
VCC
Figure 22. Typical Application Circuit
100
50
ADN2819
50
50
100
VCC
100
100
VCC
0.1
µ F
0.1
µ F
50
VTERM
VTERM
Figure 23. AC-Coupled Output Configuration
50
50
ADN2819
0.1
µ F
NIN
PIN
CIN
CIN
50
TIA
VREF
VCC
50
Figure 24. AC-Coupled Input Configuration


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn