Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2819 Datasheet(PDF) 11 Page - Analog Devices

Part No. ADN2819
Description  Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADN2819 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2819_15 Datasheet HTML 7Page - Analog Devices ADN2819_15 Datasheet HTML 8Page - Analog Devices ADN2819_15 Datasheet HTML 9Page - Analog Devices ADN2819_15 Datasheet HTML 10Page - Analog Devices ADN2819_15 Datasheet HTML 11Page - Analog Devices ADN2819_15 Datasheet HTML 12Page - Analog Devices ADN2819_15 Datasheet HTML 13Page - Analog Devices ADN2819_15 Datasheet HTML 14Page - Analog Devices ADN2819_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADN2819
Rev. B | Page 11 of 24
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
–5.5
–6.0
–6.5
–7.0
–7.5
–8.0
–9.0
–9.5
–10.0
–8.5
1k
10k
100k
1M
100M
FREQUENCY (Hz)
10M
OC3_JIT_TOLERANCE
GBE_JIT_TOLERANCE
OC3_JIT_TRANSFER
GBE_JIT_TRANSFER
OC12_JIT_TOLERANCE
OC48_JIT_TOLERANCE
OC12_JIT_TRANSFER
OC48_JIT_TRANSFER
Figure 14. Jitter Transfer and Jitter Tracking BW
Table 4. Jitter Transfer and Tolerance: SONET Spec vs. ADN2819
Jitter Transfer
Jitter Tolerance
Rate
SONET Spec (fC)
ADN2819
(kHz)
Implementation
Margin
Mask Corner
Frequency
ADN2819
SONET Spec
(UI p-p)
ADN2819
(UI p-p)
Implementation
Margin1
OC-48
2 MHz
590
3.4
1 MHz
4.8 MHz
0.15
1.0
6.67
OC-12
500 kHz
140
3.6
250 kHz
4.8 MHz
0.15
1.0
6.67
OC-3
130 kHz
48
2.7
65 kHz
600 kHz
0.15
1.0
6.67
1 Jitter tolerance measurements limited by test equipment capabilities.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn