Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2818 Datasheet(PDF) 12 Page - Analog Devices

Part # ADN2818
Description  Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2818 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN2818_15 Datasheet HTML 8Page - Analog Devices ADN2818_15 Datasheet HTML 9Page - Analog Devices ADN2818_15 Datasheet HTML 10Page - Analog Devices ADN2818_15 Datasheet HTML 11Page - Analog Devices ADN2818_15 Datasheet HTML 12Page - Analog Devices ADN2818_15 Datasheet HTML 13Page - Analog Devices ADN2818_15 Datasheet HTML 14Page - Analog Devices ADN2818_15 Datasheet HTML 15Page - Analog Devices ADN2818_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
ADN2817/ADN2818
Data Sheet
Rev. E | Page 12 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
1
10
100
RTH (Ω)
1k
100k
10k
1M
0
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
Figure 6. LOS Comparator Trip Point Programming
–20
–15
–10
–5
0
5
100
1k
10k
100k
1M
JITTER FREQUENCY (Hz)
SONET
ADN2817
Figure 7. Jitter Transfer, OC-1
–20
–15
–10
–5
0
5
100
1k
10k
100k
1M
10M
JITTER FREQUENCY (Hz)
SONET
ADN2817
Figure 8. Jitter Transfer, OC-3
50ps/DIV
Figure 9. Output Eye, OC-48
0.1
10
100
1k
10k
100k
1M
JITTER FREQUENCY (Hz)
1
10
100
ADN2817
EQUIPMENT LIMIT
SONET GR-253 CORE 004
Figure 10. Jitter Tolerance, OC-1
0.1
10
100
1k
10k
100k
10M
1M
JITTER FREQUENCY (Hz)
1
10
100
ADN2817
EQUIPMENT LIMIT
SONET GR-253 CORE 004
Figure 11. Jitter Tolerance, OC-3


Similar Part No. - ADN2818_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2818ACP AD-ADN2818ACP Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2818ACP-RL AD-ADN2818ACP-RL Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2818ACP-RL7 AD-ADN2818ACP-RL7 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2818ACPZ AD-ADN2818ACPZ Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL AD-ADN2818ACPZ-RL Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Similar Description - ADN2818_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817ACPZ-RL7 AD-ADN2817ACPZ-RL7 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com