Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2816 Datasheet(PDF) 3 Page - Analog Devices

Part No. ADN2816
Description  Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2816 Datasheet(HTML) 3 Page - Analog Devices

  ADN2816_15 Datasheet HTML 1Page - Analog Devices ADN2816_15 Datasheet HTML 2Page - Analog Devices ADN2816_15 Datasheet HTML 3Page - Analog Devices ADN2816_15 Datasheet HTML 4Page - Analog Devices ADN2816_15 Datasheet HTML 5Page - Analog Devices ADN2816_15 Datasheet HTML 6Page - Analog Devices ADN2816_15 Datasheet HTML 7Page - Analog Devices ADN2816_15 Datasheet HTML 8Page - Analog Devices ADN2816_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADN2816
Rev. C | Page 3 of 24
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 µF, SLICEP = SLICEN = VEE, input data pattern: PRBS 223 − 1,
unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
QUANTIZER—DC CHARACTERISTICS
Input Voltage Range
@ PIN or NIN, dc-coupled
1.8
2.8
V
Peak-to-Peak Differential Input
PIN − NIN
0.2
2.0
V
Input Common-Mode Level
DC-coupled
2.3
2.5
2.8
V
QUANTIZER—AC CHARACTERISTICS
Data Rate
10
675
Mb/s
S11
@ 2.5 GHz
−15
dB
Input Resistance
Differential
100
Input Capacitance
0.65
pF
LOSS-OF-LOCK (LOL) DETECT
VCO Frequency Error for LOL Assert
With respect to nominal
1000
ppm
VCO Frequency Error for LOL Deassert
With respect to nominal
250
ppm
LOL Response Time
10 Mb/s
4
ms
OC-12
200
µs
ACQUISITION TIME
Lock-to-Data Mode
OC-12
2.0
ms
OC-3
3.4
ms
OC-1
9.8
ms
10 Mb/s
40.0
ms
Optional Lock to REFCLK Mode
20.0
ms
DATA RATE READBACK ACCURACY
Coarse Readback
See Table 13
10
%
Fine Readback
In addition to REFCLK accuracy
Data rate ≤ 20 Mb/s
200
ppm
Data rate > 20 Mb/s
100
ppm
POWER SUPPLY VOLTAGE
3.0
3.3
3.6
V
POWER SUPPLY CURRENT
Locked to 622.08 Mb/s
111
122
mA
OPERATING TEMPERATURE RANGE
–40
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn