Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2816 Datasheet(PDF) 1 Page - Analog Devices

Part No. ADN2816
Description  Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2816 Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Continuous Rate 10 Mb/s to 675 Mb/s
Clock and Data Recovery IC
Data Sheet
ADN2816
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113 © 2005–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Serial data input: 10 Mb/s to 675 Mb/s
Exceeds SONET requirements for jitter transfer/
generation/tolerance
Patented clock recovery architecture
No reference clock required
Loss-of-lock indicator
I2C® interface to access optional features
Single-supply operation: 3.3 V
Low power: 366 mW typical
5 mm × 5 mm 32-lead LFCSP, Pb free
APPLICATIONS
SONET OC-1/-3/-12 and all associated FEC rates
Fibre Channel, ESCON, Fast Ethernet, SDI
WDM transponders
Regenerators/repeaters
Test equipment
Broadband crossconnects and routers
GENERAL DESCRIPTION
The ADN2816 provides the receiver functions of quantization
and clock and data recovery for continuous data rates from
10 Mb/s to 675 Mb/s. The ADN2816 automatically locks to all
data rates without the need for an external reference clock or
programming. All SONET jitter requirements are met,
including jitter transfer, jitter generation, and jitter tolerance.
All specifications are quoted for −40°C to +85°C ambient
temperature, unless otherwise noted.
The ADN2816 is available in a compact 5 mm × 5 mm 32-lead
LFCSP.
FUNCTIONAL BLOCK DIAGRAM
2
LOL
DATAOUTP/
DATAOUTN
DRVEE DVCC
DRVCC
DVEE
ADN2816
CLKOUTP/
CLKOUTN
2
VCC
VEE
CF1
CF2
PIN
NIN
VREF
BUFFER
VCO
PHASE
SHIFTER
PHASE
DETECT
FREQUENCY
DETECT
DATA
RE-TIMING
LOOP
FILTER
LOOP
FILTER
REFCLKP/REFCLKN
(OPTIONAL)
Figure 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn