Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2816 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADN2816
Description  Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADN2816 Datasheet(HTML) 4 Page - Analog Devices

  ADN2816_15 Datasheet HTML 1Page - Analog Devices ADN2816_15 Datasheet HTML 2Page - Analog Devices ADN2816_15 Datasheet HTML 3Page - Analog Devices ADN2816_15 Datasheet HTML 4Page - Analog Devices ADN2816_15 Datasheet HTML 5Page - Analog Devices ADN2816_15 Datasheet HTML 6Page - Analog Devices ADN2816_15 Datasheet HTML 7Page - Analog Devices ADN2816_15 Datasheet HTML 8Page - Analog Devices ADN2816_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADN2816
Data Sheet
Rev. C | Page 4 of 24
JITTER SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 µF, SLICEP = SLICEN = VEE, input data pattern: PRBS 223 − 1,
unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
PHASE-LOCKED LOOP CHARACTERISTICS
Jitter Transfer BW
OC-12
75
130
kHz
OC-3
26
42
kHz
Jitter Peaking
OC-12
0
0.03
dB
OC-3
0
0.03
dB
Jitter Generation
OC-12, 12 kHz to 5 MHz
0.001
0.003
UI rms
0.011
0.026
UI p-p
OC-3, 12 kHz to 1.3 MHz
0.001
0.002
UI rms
0.005
0.010
UI p-p
Jitter Tolerance
OC-12, 223 − 1 PRBS
30 Hz1
100
UI p-p
300 Hz1
44
UI p-p
25 kHz
2.5
UI p-p
250 kHz1
1.0
UI p-p
OC-3, 223 − 1 PRBS
30 Hz1
50
UI p-p
300 Hz1
24
UI p-p
6500 Hz
3.5
UI p-p
65 kHz1
1.0
UI p-p
1
Jitter tolerance of the ADN2816 at these jitter frequencies is better than what the test equipment is able to measure.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn