Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2814 Datasheet(PDF) 12 Page - Analog Devices

Part # ADN2814
Description  Data Recovery IC with Integrated Limiting Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2814 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN2814_15 Datasheet HTML 8Page - Analog Devices ADN2814_15 Datasheet HTML 9Page - Analog Devices ADN2814_15 Datasheet HTML 10Page - Analog Devices ADN2814_15 Datasheet HTML 11Page - Analog Devices ADN2814_15 Datasheet HTML 12Page - Analog Devices ADN2814_15 Datasheet HTML 13Page - Analog Devices ADN2814_15 Datasheet HTML 14Page - Analog Devices ADN2814_15 Datasheet HTML 15Page - Analog Devices ADN2814_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADN2814
Data Sheet
Rev. C | Page 12 of 28
TERMINOLOGY
Input Sensitivity and Input Overdrive
Sensitivity and overdrive specifications for the quantizer involve
offset voltage, gain, and noise. The relationship between the
logic output of the quantizer and the analog voltage input is
shown in Figure 12. For sufficiently large positive input voltage,
the output is always Logic 1, and similarly for negative inputs,
the output is always Logic 0. However, the transitions between
output Logic Level 1 and output Logic Level 0 are not at
precisely defined input voltage levels, but occur over a range of
input voltages. Within this range of input voltages, the output
may be either 1 or 0, or it may even fail to attain a valid logic
state. The width of this zone is determined by the input voltage
noise of the quantizer. The center of the zone is the quantizer
input offset voltage. Input overdrive is the magnitude of signal
required to guarantee the correct logic level with 1 × 10−10
confidence level.
NOISE
OUTPUT
INPUT (V p-p)
OFFSET
OVERDRIVE
SENSITIVITY
(2
× OVERDRIVE)
1
0
Figure 12. Input Sensitivity and Input Overdrive
Single-Ended vs. Differential
AC coupling is typically used to drive the inputs to the
quantizer. The inputs are internally dc biased to a common-
mode potential of ~2.5 V. Driving the ADN2814 single-ended
and observing the quantizer input with an oscilloscope probe at
the point indicated in Figure 13 shows a binary signal with an
average value equal to the common-mode potential and
instantaneous values both above and below the average value.
It is convenient to measure the peak-to-peak amplitude of this
signal and call the minimum required value the quantizer
sensitivity. Referring to Figure 13, because both positive and
negative offsets need to be accommodated, the sensitivity is
twice the overdrive. The ADN2814 quantizer typically has
3.3 mV p-p sensitivity.
SCOPE
PROBE
PIN
50
Ω
3k
Ω
2.5V
50
Ω
VREF
ADN2814
QUANTIZER
+
10mV p-p
VREF
Figure 13. Single-Ended Sensitivity Measurement
Driving the ADN2814 differentially (see Figure 14), sensitivity
seems to improve from observing the quantizer input with an
oscilloscope probe. This is an illusion caused by the use of a
single-ended probe. A 5 mV p-p signal appears to drive the
ADN2814 quantizer. However, the single-ended probe measures
only half the signal. The true quantizer input signal is twice this
value, because the other quantizer input is a complementary
signal to the signal being observed.
SCOPE
PROBE
PIN
50
Ω
3k
Ω
2.5V
50
Ω
VREF
QUANTIZER
+
NIN
5mV p-p
VREF
5mV p-p
VREF
Figure 14. Differential Sensitivity Measurement
LOS Response Time
LOS response time is the delay between removal of the input
signal and indication of loss of signal (LOS) at the LOS output,
Pin 22. When the inputs are dc-coupled, the LOS assert time of
the AD2814 is 500 ns typical and the deassert time is 400 ns
typical. In practice, the time constant produced by the ac
coupling at the quantizer input and the 50 Ω on-chip input
termination determines the LOS response time.


Similar Part No. - ADN2814_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2814XCPZ AD-ADN2814XCPZ Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
More results

Similar Description - ADN2814_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2812 AD-ADN2812_15 Datasheet
409Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
Rev. E
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com