Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2811 Datasheet(PDF) 2 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 2 Page - Analog Devices

  ADN2811_15 Datasheet HTML 1Page - Analog Devices ADN2811_15 Datasheet HTML 2Page - Analog Devices ADN2811_15 Datasheet HTML 3Page - Analog Devices ADN2811_15 Datasheet HTML 4Page - Analog Devices ADN2811_15 Datasheet HTML 5Page - Analog Devices ADN2811_15 Datasheet HTML 6Page - Analog Devices ADN2811_15 Datasheet HTML 7Page - Analog Devices ADN2811_15 Datasheet HTML 8Page - Analog Devices ADN2811_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADN2811
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Characteristics .............................................................. 5
ESD Caution.................................................................................. 5
Pin Configuration and Functional Descriptions.......................... 6
Definition of Terms .......................................................................... 8
Maximum, Minimum, and Typical Specifications ................... 8
Input Sensitivity and Input Overdrive....................................... 8
Single-Ended vs. Differential ...................................................... 8
LOS Response Time ..................................................................... 9
Jitter Specifications....................................................................... 9
Theory of Operation ...................................................................... 10
Functional Description .................................................................. 12
Clock and Data Recovery .......................................................... 12
Limiting Amplifier ..................................................................... 12
Slice Adjust .................................................................................. 12
Loss of Signal (LOS) Detector .................................................. 12
Reference Clock.......................................................................... 12
Lock Detector Operation .......................................................... 13
Squelch Mode ............................................................................. 14
Test Modes: Bypass and Loopback........................................... 14
Applications Information .............................................................. 15
PCB Design Guidelines ............................................................. 15
Choosing AC-Coupling Capacitors ......................................... 17
DC-Coupled Application .......................................................... 18
LOL Toggling during Loss of Input Data................................ 18
Outline Dimensions ....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
5/04—Data Sheet Changed from Rev. A to Rev. B
Updated Format.................................................................. Universal
Changes to Table 6 and Table 7......................................................13
Updated Outline Dimensions ........................................................19
Changes to Ordering Guide ...........................................................19
12/02—Data Sheet Changed from Rev. 0 to Rev. A.
Change to FUNCTIONAL DESCRIPTION Reference Clock ..10
Updated OUTLINE DIMENSIONS .............................................16


Similar Part No. - ADN2811_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2811ACP-CML AD-ADN2811ACP-CML Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2811ACP-CML-RL AD-ADN2811ACP-CML-RL Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
More results

Similar Description - ADN2811_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
logo
Silicon Laboratories
SI5018 SILABS-SI5018 Datasheet
211Kb / 22P
   SiPHY??OC-48/STM-16 CLOCK AND DATA RECOVERY IC WITH FEC
logo
Filtronic Compound Semi...
OC48 FILTRONIC-OC48 Datasheet
24Kb / 2P
   OC 48 & OC 192 PHASE SHIFTER FOR CLOCK & DATA RECOVERY 6705 K
logo
OPLINK Communications I...
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Vitesse Semiconductor C...
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
   OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
logo
OPLINK Communications I...
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
   OC-48/STM-16 Receiver without Clock Recovery
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Integrated Device Techn...
IDT5T929 IDT-IDT5T929 Datasheet
60Kb / 8P
   PRECISION CLOCK GENERATOR OC-48 APPLICATIONS
logo
Applied Micro Circuits ...
CS4815 AMCC-CS4815 Datasheet
181Kb / 3P
   OC-48/12/3 DW/FEC/PM and ASYNC Mapper Device with Strong FEC
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
   SONET OC-48 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com