Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2807 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2807
Description  155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2807 Datasheet(HTML) 4 Page - Analog Devices

  ADN2807_15 Datasheet HTML 1Page - Analog Devices ADN2807_15 Datasheet HTML 2Page - Analog Devices ADN2807_15 Datasheet HTML 3Page - Analog Devices ADN2807_15 Datasheet HTML 4Page - Analog Devices ADN2807_15 Datasheet HTML 5Page - Analog Devices ADN2807_15 Datasheet HTML 6Page - Analog Devices ADN2807_15 Datasheet HTML 7Page - Analog Devices ADN2807_15 Datasheet HTML 8Page - Analog Devices ADN2807_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADN2807
Rev. A | Page 4 of 20
Parameter
Conditions
Min
Typ
Max
Unit
PHASE-LOCKED LOOP CHARACTERISTICS
PIN–NIN = 10 mV p-p
Jitter Transfer BW
OC-12
140
200
kHz
OC-3
48
85
kHz
Jitter Peaking
OC-12
0.004
dB
OC-3
0.002
dB
Jitter Generation
OC-12, 12 kHz to 5 MHz
0.003
UI rms
0.02
0.04
UI p-p
OC-3, 12 kHz to 1.3 MHz
0.002
UI rms
0.02
0.04
UI p-p
Jitter Tolerance
OC-12
30 Hz3
100
UI p-p
300 Hz
44
UI p-p
25 kHz
5.8
UI p-p
250 kHz3
1.0
UI p-p
OC-3
30 Hz3
50
UI p-p
300 Hz3
23.5
UI p-p
6500 Hz
6.0
UI p-p
65 kHz3
1.0
UI p-p
CML OUTPUTS (CLKOUTP/N, DATAOUTP/N)
Single-Ended Output Swing
VSE (See Figure 7)
400
488
540
mV
Differential Output Swing
VDIFF (See Figure 7)
850
975
1100
mV
Output High Voltage
VOH
VCC
V
Output Low Voltage
VOL, referred to VCC
–0.60
–0.30
V
Rise Time
20% to 80%
150
ps
Fall Time
80% to 20%
150
ps
Setup Time
TS (See Figure 3)
OC-12
750
ps
OC-3
3145
ps
Hold Time
TH (See Figure 3)
OC-12
750
ps
OC-3
3150
ps
REFCLK DC INPUT CHARACTERISTICS
Input Voltage Range
@ REFCLKP or REFCLKN
0
VCC
V
Peak-to-Peak Differential Input
100
mV
Common-Mode Level
DC-coupled, single-ended
VCC/2
V
TEST DATA DC INPUT CHARACTERISTICS4
(TDINP/N)
CML inputs
Peak-to-Peak Differential Input Voltage
0.8
V
LVTTL DC INPUT CHARACTERISTICS
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
VIN = 0.4 V or VIN = 2.4 V
–5
+5
µA
Input Current (SEL0 and SEL1 Only)5
VIN = 0.4 V or VIN = 2.4 V
–5
+50
µA
LVTTL DC OUTPUT CHARACTERISTICS
Output High Voltage
VOH, IOH = –2.0 mA
2.4
V
Output Low Voltage
VOL, IOL = +2.0 mA
0.4
V
1PIN and NIN should be driven differentially, ac-coupled for optimum sensitivity.
2PWD measurement made on quantizer outputs in BYPASS mode.
3Jitter tolerance measurements are equipment limited.
4TDINP/N are CML inputs. If the drivers to the TDINP/N inputs are anything other than CML, they must be ac-coupled.
5SEL0 and SEL1 have internal pull-down resistors, causing higher IIH.


Similar Part No. - ADN2807_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2807ACP AD-ADN2807ACP Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807ACP-RL AD-ADN2807ACP-RL Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
More results

Similar Description - ADN2807_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
   622 Mb/s Clock & Data Recovery
logo
Analog Devices
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com