Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP65S06DWT Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP65S06DWT
Description  650V - 100A - IGBT Application: Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP65S06DWT Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP65S06DWT_15 Datasheet HTML 1Page - Renesas Technology Corp RJP65S06DWT_15 Datasheet HTML 2Page - Renesas Technology Corp RJP65S06DWT_15 Datasheet HTML 3Page - Renesas Technology Corp RJP65S06DWT_15 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RJP65S06DWT / RJP65S06DWA
R07DS0823EJ0300 Rev.3.00
Page 3 of 3
Oct 20, 2014
Die Dimension
Unit: mm
Illustration
Part of white
Part of dotted line
Part of gray
Note 1.
Note 2.
The back of the chip is processed with Au evaporation.
Note 3.
Recognition, target and any other patterns which are not related to
Diode operation, may be changed without notice.
Definition
Al pattern
Bonding area
Final passivation
7.8
6.46
1.31
5.09
Emitter bonding pad (3)
Emitter bonding pad (2)
Emitter bonding pad (1)
Gate
bonding
pad
Ordering Information
Orderable Part Number
RJP65S06DWA-80#W0
RJP65S06DWT-80#X0


Similar Part No. - RJP65S06DWT_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65S06DWT-80X0 RENESAS-RJP65S06DWT-80X0 Datasheet
62Kb / 4P
   650V - 100A - IGBT Application: Inverter
More results

Similar Description - RJP65S06DWT_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65S06DWT RENESAS-RJP65S06DWT Datasheet
62Kb / 4P
   650V - 100A - IGBT Application: Inverter
RJP65M06DWA RENESAS-RJP65M06DWA Datasheet
130Kb / 4P
   650V - 100A - IGBT Application: Inverter
RJP1CS06DWT RENESAS-RJP1CS06DWT Datasheet
77Kb / 4P
   1250V - 100A - IGBT Application: Inverter
RJP1CS06DWT RENESAS-RJP1CS06DWT_15 Datasheet
65Kb / 4P
   1250V - 100A - IGBT Application: Inverter
RJP65S04DWT RENESAS-RJP65S04DWT_15 Datasheet
64Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJP65S07DWT RENESAS-RJP65S07DWT_15 Datasheet
123Kb / 4P
   650V - 150A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0_15 Datasheet
71Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJP65S03DWT RENESAS-RJP65S03DWT Datasheet
65Kb / 4P
   650V - 30A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0 Datasheet
71Kb / 4P
   650V - 50A - IGBT Application: Inverter
Jul 06, 2012
RJP65M05DWA RENESAS-RJP65M05DWA Datasheet
161Kb / 4P
   650V - 75A - IGBT Application: Inverter
Nov. 06, 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com