Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADMCF340 Datasheet(PDF) 36 Page - Analog Devices

Part # ADMCF340
Description  64-Lead Flash and ROM Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADMCF340_15 Datasheet HTML 32Page - Analog Devices ADMCF340_15 Datasheet HTML 33Page - Analog Devices ADMCF340_15 Datasheet HTML 34Page - Analog Devices ADMCF340_15 Datasheet HTML 35Page - Analog Devices ADMCF340_15 Datasheet HTML 36Page - Analog Devices ADMCF340_15 Datasheet HTML 37Page - Analog Devices ADMCF340_15 Datasheet HTML 38Page - Analog Devices ADMCF340_15 Datasheet HTML 39Page - Analog Devices ADMCF340_15 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
REV. A
ADMC(F)340
–36–
ADC MUX
CONTROL
0 = BOOT MODE
1 = UART MODE
SPORT1 MODE
SELECT
0 = DISABLE
1 = ENABLE
PWMSYNC
INTERRUPT
0 = DISABLE
1 = ENABLE
PWMTRIP
INTERRUPT
0
0
0
0
0
0
00
0
0
0
SYSSTAT (R)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0 = LOW
1 = HIGH
DM (0x2016)
0 = NORMAL
1 = WATCHDOG RESET
OCCURRED
PWMTRIP
PIN STATUS
WATCHDOG
STATUS
PWM TIMER
STATUS
0 = 1ST HALF OF PWM
CYCLE
1 = 2ND HALF OF PWM
CYCLE
0
0
00
0
0
0
00
0
0
00
0
0
0
MODECTRL (R/W)
DM (0x2015)
0 = SINGLE UPDATE MODE
1 = DOUBLE UPDATE MODE
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADC MUX CONTROL
0
0
00
0
0
0
00
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
00
IRQFLAG (R)
PWMTRIP INTERRUPT
PWMSYNC INTERRUPT
DM (0x2017)
0
0
0
0
0
0
00
0
0
00
0
0
00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WDTIMER (W)
DM (0x2018)
01
0 = NO INTERRUPT
1 = INTERRUPT OCCURRED
PWM UPDATE
MODE SELECT
ADC
COUNTER
0 = CLKIN RATE
1 = CLKOUT RATE
AUX PWM
MODE SELECT
CHANNEL 1
SELECTION
0 = OFFSET MODE
1 = INDEPENDENT MODE
0 = ISENSE
1 = VOLTAGE
CHANNEL 2
SELECTION
0 = ISENSE
1 = VOLTAGE
CHANNEL 3
SELECTION
0 = ISENSE
1 = VOLTAGE
SPORT 0
MODE SELECT
0 = SPORT MODE
1 = UART MODE
SPORT 0
SPI MODE
0 = SPORT
1 = SP1 MODE
SPI CLOCK
POLARITY
0 = STANDARD
1 = REVERSE
SPI CLOCK
PHASE
0 = PHA0
1 = PHA1
ADC MUX CONTROL
Figure 28. Configuration of Status/Control Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset.


Similar Part No. - ADMCF340_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF340-EVALKIT AD-ADMCF340-EVALKIT Datasheet
415Kb / 40P
   DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
ADMCF340BST AD-ADMCF340BST Datasheet
415Kb / 40P
   DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
More results

Similar Description - ADMCF340_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
   28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
Cypress Semiconductor
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
   64-Mbit 3.0 V SPI Flash Memory
logo
Eon Silicon Solution In...
EN25P64 EON-EN25P64 Datasheet
540Kb / 34P
   64 Megabit Uniform Sector, Serial Flash Memory
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
   Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
Winbond
W29C512A WINBOND-W29C512A Datasheet
265Kb / 20P
   64 K x 8 CMOS FLASH MEMORY
logo
STMicroelectronics
STM32F107VCT6 STMICROELECTRONICS-STM32F107VCT6 Datasheet
1Mb / 103P
   64 to 256 Kbytes of Flash memory
M39208 STMICROELECTRONICS-M39208 Datasheet
218Kb / 30P
   Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
logo
ATMEL Corporation
AT89EB5114 ATMEL-AT89EB5114_14 Datasheet
950Kb / 95P
   4 Kbytes ROM or 4 Kbytes Flash Program Memory
AT83EB5114 ATMEL-AT83EB5114_14 Datasheet
950Kb / 95P
   4 Kbytes ROM or 4 Kbytes Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com