Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP1CS08DWT Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJP1CS08DWT
Description  1250V - 200A - IGBT Application: Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP1CS08DWT Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJP1CS08DWT_15 Datasheet HTML 1Page - Renesas Technology Corp RJP1CS08DWT_15 Datasheet HTML 2Page - Renesas Technology Corp RJP1CS08DWT_15 Datasheet HTML 3Page - Renesas Technology Corp RJP1CS08DWT_15 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS0831EJ0300 Rev.3.00
Page 1 of 3
Oct 20, 2014
Datasheet
RJP1CS08DWT / RJP1CS08DWA
1250V - 200A - IGBT
Application: Inverter
Features
• Low collector to emitter saturation voltage
VCE(sat) = 1.8 V typ. (at IC = 200 A, VGE = 15 V, Tc = 25
°C)
• High speed switching
• Short circuit withstands time (10 μs min.)
Outline
1. Gate
2. Collector (The back)
3. Emitter
Die: RJP1CS08DWT-80
Wafer: RJP1CS08DWA-80
2
C
2
1 G
E
3
1
3
3
3
3
Absolute Maximum Ratings
(Tc = 25°C unless otherwise noted)
Item
Symbol
Ratings
Unit
Collector to emitter voltage
VCES
1250
V
Gate to emitter voltage
VGES
±30
V
Collector current
Tc = 25°C
IC
400
A
Tc = 100°C
IC
200
A
Junction temperature
Tj
175
Note1
°C
Notes: 1. Please use this device in the thermal conditions where the junction temperature does not exceed 175
°C.
IGBT Application Note is disclosed about reliability test and application condition up to Tj = 175
°C.
R07DS0831EJ0300
Rev.3.00
Oct 20, 2014


Similar Part No. - RJP1CS08DWT_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP1CS08DWT-80X0 RENESAS-RJP1CS08DWT-80X0 Datasheet
77Kb / 4P
   1250V - 200A - IGBT Application: Inverter
More results

Similar Description - RJP1CS08DWT_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP1CS08DWT RENESAS-RJP1CS08DWT Datasheet
77Kb / 4P
   1250V - 200A - IGBT Application: Inverter
RJU1CF08DWA RENESAS-RJU1CF08DWA Datasheet
134Kb / 5P
   1250V - 200A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJP1CS05DWT RENESAS-RJP1CS05DWT_15 Datasheet
65Kb / 4P
   1250V - 75A - IGBT Application: Inverter
RJP1CS04DWT RENESAS-RJP1CS04DWT Datasheet
76Kb / 4P
   1250V - 50A - IGBT Application: Inverter
RJP1CS06DWT RENESAS-RJP1CS06DWT Datasheet
77Kb / 4P
   1250V - 100A - IGBT Application: Inverter
RJP1CS03DWT RENESAS-RJP1CS03DWT Datasheet
77Kb / 4P
   1250V - 30A - IGBT Application: Inverter
RJP1CS03DWT RENESAS-RJP1CS03DWT_15 Datasheet
65Kb / 4P
   1250V - 30A - IGBT Application: Inverter
RJP1CS04DWTRJP1CS04DWT RENESAS-RJP1CS04DWTRJP1CS04DWT_15 Datasheet
75Kb / 4P
   1250V - 50A - IGBT Application: Inverter
RJP1CS06DWT RENESAS-RJP1CS06DWT_15 Datasheet
65Kb / 4P
   1250V - 100A - IGBT Application: Inverter
RJP1CS07DWT RENESAS-RJP1CS07DWT_15 Datasheet
66Kb / 4P
   1250V - 150A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com