Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM9690 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM9690
Description  Power Supply and Watchdog Timer Monitoring Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9690 Datasheet(HTML) 3 Page - Analog Devices

  ADM9690_15 Datasheet HTML 1Page - Analog Devices ADM9690_15 Datasheet HTML 2Page - Analog Devices ADM9690_15 Datasheet HTML 3Page - Analog Devices ADM9690_15 Datasheet HTML 4Page - Analog Devices ADM9690_15 Datasheet HTML 5Page - Analog Devices ADM9690_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ADM9690
–3–
REV. A
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
VMON
. . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Input Current
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mA
GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mA
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . 200 mA
Power Dissipation, R-8 SOIC . . . . . . . . . . . . . . . . . . 400 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 120°C/W
Industrial (A Version) . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum ratings for
extended periods of time may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM9690AR
–40
°C to +85°C
8-Lead Narrow
SO-8
Body SOIC
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
VCC
Power Supply Input; +5 V.
VMON
Voltage Monitoring Input.
GND
0 V. Ground reference for all signals.
RESET(1)
Logic Output. RESET(1) goes low if VMON
falls below the Reset Threshold or the Watch-
dog timer is not serviced within its timeout
period. The reset threshold is typically 4.4 V
for the ADM9690. RESET(1) remains low
for 50 ms after VCC returns above the thresh-
old. RESET(1) also goes low for 50 ms if the
Watchdog Timer is not serviced within its
timeout period.
RESET(2)
Logic Output. RESET(2) goes low simulta-
neously with RESET(1) but remains low for
an additional 10 ms.
WDI
Watchdog Input. If an edge is not detected on
WDI within the selectable watchdog timeout
period, RESET(1) and RESET(2) are forced
low for their respective timeout periods. The
watchdog timer restarts with each positive
or negative going transition on the WDI
line. Following a reset it is restarted when
RESET(1) goes inactive (high). The Watch-
dog Timer may be disabled if WDI is left
floating or is driven to midsupply.
SEL1, 2
Watchdog Timeout selection inputs. Refer to
Table I.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM9690
VMON
WDI
VCC
GND
SEL1
SEL2
RESET(1)
RESET(2)


Similar Part No. - ADM9690_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9690AR AD-ADM9690AR Datasheet
76Kb / 6P
   Power Supply and Watchdog Timer Monitoring Circuit
REV. A
More results

Similar Description - ADM9690_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9690 AD-ADM9690 Datasheet
76Kb / 6P
   Power Supply and Watchdog Timer Monitoring Circuit
REV. A
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793 FUJITSU-MB3793 Datasheet
192Kb / 20P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com