Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9150 Datasheet(PDF) 6 Page - Intersil Corporation

Part # IRF9150
Description  -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF9150 Datasheet(HTML) 6 Page - Intersil Corporation

  IRF9150 Datasheet HTML 1Page - Intersil Corporation IRF9150 Datasheet HTML 2Page - Intersil Corporation IRF9150 Datasheet HTML 3Page - Intersil Corporation IRF9150 Datasheet HTML 4Page - Intersil Corporation IRF9150 Datasheet HTML 5Page - Intersil Corporation IRF9150 Datasheet HTML 6Page - Intersil Corporation IRF9150 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5-25
Test Circuits and Waveforms
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
tP
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VGS
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RG
DUT
+
-
VDD
td(ON)
tr
90%
10%
VDS
90%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
10%
0
0
0.3
µF
12V
BATTERY
50k
+VDS
S
DUT
D
G
Ig(REF)
0
(ISOLATED
-VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
0
Ig(REF)
IRF9150


Similar Part No. - IRF9150

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
logo
Inchange Semiconductor ...
IRF9150 ISC-IRF9150 Datasheet
319Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - IRF9150

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
logo
Intersil Corporation
IRFP9150 INTERSIL-IRFP9150 Datasheet
59Kb / 7P
   25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Unisonic Technologies
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
   25A, 100V P-CHANNEL POWER MOSFET
logo
Intersil Corporation
RF1K49223 INTERSIL-RF1K49223 Datasheet
97Kb / 8P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
   2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
   15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
   25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
   25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com