Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6415 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO6415
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO6415 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  AO6415 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO6415 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO6415 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO6415 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
AO6415 (KO6415)
Electrical Characteristics Ta = 25℃
* The static characteristics in Figures 1 to 6 are obtained using <300us pulses, duty cycle 0.5% max.
Marking
Marking
DF**
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-20
Gate-Source breakdown voltage
BVGSO
VDS=0 V, IG=±250uA
±12
VDS=-20V, VGS=0V
-1
VDS=-20V, VGS=0V, TJ=55℃
-5
Gate-Body leakage current
IGSS
VDS=0V, VGS=±12V
±
10
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=-250μA
-0.5
-1.2
V
VGS=-10V, ID=-3.3A
82
VGS=-10V, ID=-3.3A TJ=125℃
115
VGS=-4.5V, ID=-2A
100
VGS=-2.5V, ID=-1A
140
On state drain current
ID(ON)
VGS=-4.5V, VDS=-5V
-17
A
Forward Transconductance
gFS
VDS=-5V, ID=-3.3A
8.6
S
Input Capacitance
Ciss
250
400
Output Capacitance
Coss
40
85
Reverse Transfer Capacitance
Crss
22
52
Gate resistance
Rg
VGS=0V, VDS=0V, f=1MHz
17
Ω
Total Gate Charge
Qg
3.2
4.5
Gate Source Charge
Qgs
0.6
Gate Drain Charge
Qgd
0.9
Turn-On DelayTime
td(on)
11
Turn-On Rise Time
tr
5.5
Turn-Off DelayTime
td(off)
22
Turn-Off Fall Time
tf
8
Body Diode Reverse Recovery Time
trr
6.1
Body Diode Reverse Recovery Charge
Qrr
1.4
nC
Maximum Body-Diode Continuous Current
IS
-1.5
A
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-1
V
V
pF
nC
IF=-2A, dI/dt=100A/μs
ns
VGS=-4.5V, VDS=-10V, RL=5Ω,
RGEN=3Ω
VGS=0V, VDS=-10V, f=1MHz
VGS=-4.5V, VDS=-10V, ID=-2A
Zero Gate Voltage Drain Current
IDSS
uA
RDS(On)
Static Drain-Source On-Resistance


Similar Part No. - AO6415

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6415 AOSMD-AO6415 Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6415 AOSMD-AO6415 Datasheet
316Kb / 5P
   20V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6415-HF KEXIN-AO6415-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6415L AOSMD-AO6415L Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6415 AOSMD-AO6415_11 Datasheet
316Kb / 5P
   20V P-Channel MOSFET
More results

Similar Description - AO6415

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com