Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC324 Datasheet(PDF) 4 Page - NEC

Part No. UPC324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

UPC324 Datasheet(HTML) 4 Page - NEC

  UPC324 Datasheet HTML 1Page - NEC UPC324 Datasheet HTML 2Page - NEC UPC324 Datasheet HTML 3Page - NEC UPC324 Datasheet HTML 4Page - NEC UPC324 Datasheet HTML 5Page - NEC UPC324 Datasheet HTML 6Page - NEC UPC324 Datasheet HTML 7Page - NEC UPC324 Datasheet HTML 8Page - NEC UPC324 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPC324
4
140
120
100
80
60
40
20
0
1
10
100
1 k
10 k 100 k
1 M
10 M
f - Frequency - Hz
OPEN LOOP FREQUENCY RESPONSE
V+ = 10 to 15 V
V+ = 30 V
V+/2
VO
V+
VIN
0.1 F
10 M
+
20
15
10
5
0
1 k
3
5 10 k
30 50 100 k
300 500 1 M
LARGE SIGNAL FREQUENCY RESPONSE
VO
VIN
100 k
1 k
+15 V
7 V
+
2 k
160
120
80
40
70
60
50
40
30
0
10203040
–20
60
20
80
OPEN LOOP VOLTAGE GAIN
TA - Operating Ambient Temperature - °C
OUTPUT SHORT CIRCUIT CURRENT
040
IO SHORT
+
V+ - Supply Voltage - V (V= GND)
RL = 20 k
RL = 2 k
µ
f - Frequency - Hz
OUTPUT SINK CURRENT LIMIT
10
1.0
0.1
0.01
0.01
0.1
1.0
10
100
IO SINK - Output Sink Current - mA
V+ = 15 V
+
VO
V+/2
V+
IO SINK
OUTPUT SOURCE CURRENT LIMIT
5
4
1
0
0.01
0.1
1.0
10
100
IO SOURCE - Output Source Current - mA
+
IO SOURCE
V+/2
V+
∆VO
3
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AU2902Low power quad operational amplifier 1 2 3 4 5 MoreNXP Semiconductors
WSL324RZLOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 List of Unclassifed Manufacturers
LPC660Low Power CMOS Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
IL324Low Power Quad Operational Amplifier 1 2 3 4 List of Unclassifed Manufacturers
TSH94HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION 1 2 3 4 5 MoreSTMicroelectronics
IL2902Low Power Quad Operational Amplifier 1 2 3 4 5 Integral Corp.
LMC6024Low Power CMOS Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
TSH95HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION 1 2 3 4 5 MoreSTMicroelectronics
LM2902DTLOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn